Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFD6750 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DFD6750
Description  Fully Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFD6750 Datasheet(HTML) 2 Page - DISCO Corporation

  DFD6750 Datasheet HTML 1Page - DISCO Corporation DFD6750 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.disco.co.jp
Fully Automatic Dicing Saw
DFD6750
Specifications
2014.11
プリアライメントステージ
スピンナテーブル
ロアアーム
アッパーアーム
門型構造
チャック
テーブル
カセット
エレベータ
DFD6750 Operation flow
[1] After transferring the workpiece to Chuck Table 1, alignment
is performed. →
[2] Dicing is performed on Chuck Table 1. →
[3] While alignment for the first workpiece is being performed
on Chuck Table 1, the next workpiece is transferred to Chuck
Table 2, and alignment is performed. →
[4] When dicing is completed on Chuck Table 1, the workpiece is
transferred away. →
[5] Dicing is performed on Chuck Table 2. →
[6] While the workpiece is diced on Chuck Table 2, the next
workpiece is transferred to Chuck Table 1, and alignment is
performed. →
[7] When dicing is completed at Chuck Table 2, the workpiece is
transferred away.
Environmental Conditions
• Use clean, oil-free air (dew point between -10 - -20 , residual oil: 0.1 ppm, and filtration rating: 0.01μm/99.5 % or more).
• Keep room temperature fluctuations within ±1℃ of the set value. (Set value should be between 20 - 25 ℃).
• Keep cutting water and cleaning water 2 ℃ above room temperature (fluctuations within ±1 ℃).
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments.
* All pressures specified above are gauge pressures.
* As the above specification may change due to technical modifications.
Please confirm when placing your order.
* For further information, please contact your local sales representative.
Unit
1.8 kW
2.2 kW
mm
mm
Cutting rangemm
Cutting speed
mm/sec
Cutting rangemm
Index step
mm
Index positioning
accuracy
mm
Max. stroke
mm
19
(For φ2″Blade)
19
(For φ3″Blade)
Moving resolution
mm
Repeatability
accuracy
mm
θ-axis
Max. rotating
angle
deg
Rated torque
N・m
0.29
0.7
Revolution speed
range
min
-1
6,000 - 60,000
3,000 - 30,000
mm
kg
0.001
215
Machine weight
Machine
dimensions(W×D×H)
Spindle
Specification
340
X-axis
300 *
0.1 - 1,000
Max. rotation diameter
Example: Max jig size
300 × 160 /280 × 140 *
0.00005
Approx.2,200
0.003/660
(Single error)0.002/5
1,510 × 1,554 × 1,800
(excluding scrap box)
Z-axis
Y1・Y2
-axis
300
0.0002



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com