Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFD6760 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DFD6760
Description  Fully Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFD6760 Datasheet(HTML) 2 Page - DISCO Corporation

  DFD6760 Datasheet HTML 1Page - DISCO Corporation DFD6760 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.disco.co.jp
Easy operation
The GUI (Graphical User Interface) implemented on the
DFD6362, which has been recognized for its ease of use,
has been included on the DFD6760. This is combined with
an LCD touch panel for stress-free operation.
Fully Automatic Dicing Saw
DFD6760
2014.11
Specifications
Meeting the need for traceability
Since the DFD6760 is equipped with two chuck tables, while
dicing is performed on one chuck table, kerf images of the
workpiece after processing can be saved and processing
quality can be recorded using the other chuck table. In
recent years at production facilities, there has been a
demand for traceability. If a defect is found in a device, the
DFD6760 can provide the records to check or certify product
quality.
Dicer image viewer and software for
browsing processing records
Display the kerf image by double-clicking
Resize the image by changing the magnification setting
Click!
Environmental Conditions
• Use clean, oil-free air (dew point between -10 - -20 , residual oil: 0.1 ppm, and filtration rating:
0.01μm/99.5 % or more).
• Keep room temperature fluctuations within ±1℃ of the set value. (Set value should be between
20 - 25 ℃).
• Keep cutting water and cleaning water 2 ℃ above room temperature (fluctuations within ±1 ℃).
• The machines should be used in an environment, free from external vibration. Do not install
machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor with
sufficient waterproofing and drainage treatments.
* All pressures specified above are gauge pressures.
* As the above specification may change due to technical modifications.
Please confirm when placing your order.
* For further information, please contact your local sales representative.
Unit
1.2, 1.8 kW
2.2 kW
mm
Cutting rangemm
Cutting speed
mm/sec
Cutting rangemm
Index step
mm
Index positioning
accuracy
mm
Index step
mm
Index positioning
accuracy
mm
Max. stroke
mm
14.7
(For φ2″blade)
14.9
(For φ3″blade)
Moving resolution
mm
Repeatability
accuracy
mm
θ-axis
Max. rotating
angle
deg
Rated torque
N・m
0.19(1.2
kW/High speed
rotation)
0.7
Revolution speed
range
min
-1
6,000 - 60,000
3,000 - 30,000
mm
kg
Approx.2,800
Machine weight
MY1・
MY2
-axis
Spindle
1,200 × 1,900 × 1,800
0.00005
0.001
380
Z-axis
Y1・Y2
-axis
Machine
dimensions(W×D×H)
310
Specification
φ
300
X-axis
310
0.1 - 1,000
Workpiece size
0.0001
0.003/310
(Single error)0.002/5
0.0001
0.003/310
(Single error)0.002/5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com