Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAS8920 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DAS8920
Description  Surface Planer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAS8920 Datasheet(HTML) 1 Page - DISCO Corporation

  DAS8920 Datasheet HTML 1Page - DISCO Corporation DAS8920 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrahigh-precision planarization
technology using a diamond bit
The DISCO surface planer provides solutions for high-precision
planarization of ductile materials such as metals, resins, and their
composites as well as solutions for reducing bump height variation
and surface roughness.
Processability by workpiece material
DFS8910/8960 & DAS8920/8930
Advanced planarization
Surface Planer
Bump height
variation
1.7 µm
0.5 µm
Bump surface
roughness (Rz)
1.373 µm
0.039 µm
Metal
Resin
Others
Good
processability
Au
Cu
Other
Photoresist
(positive & negative)
Polymide
Composites of
materials stated
on the left
Difficult
processability
Ni(electrolysis)
F
e
Reinforced resin
Si
Glass
Ceramics
[Processing example 1] Bump planarization
The planarization process reduces Au bump height variation and
stress (temperature and load) when bonding Au-Au interfaces for use
in next generation SiP solutions.
Note: Actual processability varies depending on the workpiece. Please contact
your DISCO sales representative for details.
Support for a variety of workpiece types
Three models for a variety of applications
Optional support is also available for irregularly shaped workpieces,
including substrates, die, or square workpieces.
Wafer diameter
Features
DFS8910
φ
8”
Fully-automatic workpiece
handling, processing, and cleaning
DFS8960
φ
300/200 mm
DAS8920
φ
8”
Simple and compact semi-
automatic model
DAS8930
φ
300 mm
Before planarization
After planarization
DFS8960
DAS8920


Similar Part No. - DAS8920

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DAS8121 TELEDYNE-DAS8121 Datasheet
265Kb / 2P
0.5 TO 8.0 GHz HIGH-SPEED DAS8121 ANALOG DETECTOR
More results

Similar Description - DAS8920

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3047W PANASONIC-MA3047W Datasheet
30Kb / 2P
Silicon planer type
MA3056W PANASONIC-MA3056W Datasheet
19Kb / 1P
Silicon planer type
MA3075WA PANASONIC-MA3075WA Datasheet
28Kb / 2P
Silicon planer type
MA3075WK PANASONIC-MA3075WK Datasheet
27Kb / 2P
Silicon planer type
MA3082WA PANASONIC-MA3082WA Datasheet
18Kb / 1P
Silicon planer type
MA3100WA PANASONIC-MA3100WA Datasheet
29Kb / 2P
Silicon planer type
MA3130WA PANASONIC-MA3130WA Datasheet
19Kb / 1P
Silicon planer type
MA4Z082WA PANASONIC-MA4Z082WA Datasheet
26Kb / 2P
Silicon planer type
MAZE062D PANASONIC-MAZE062D Datasheet
16Kb / 1P
Silicon planer type
MAZK270D PANASONIC-MAZK270D Datasheet
18Kb / 1P
Silicon planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com