Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAS8930 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DAS8930
Description  Surface Planer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAS8930 Datasheet(HTML) 2 Page - DISCO Corporation

  DAS8930 Datasheet HTML 1Page - DISCO Corporation DAS8930 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Planer
DFS8910/8960
DAS8920/8930
DFS8910/8960, DAS8920/8930 Specifications
Environmental conditions
• Use clean, oil-free air at a dew point of -15 ℃ or less. (Use a residual oil: 0.1 ppm. Filtration rating: 0.01 μm/99.5 % or more).
• Keep room temperature fluctuations within ±1 ℃ of the set value. (Set value should be between 20 - 25 ℃).
• Keep cutting water 2 ℃ above room temperature (fluctuations within 1 ℃ over one hour).
• Keep spindle cooling water temperature between 20 - 25 ℃ (fluctuations within 2 ℃ over an hour).
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments.
* The above specifications may change due to technical modifications. Please confirm when placing your order.
* For further information please contact your local sales representatives.
* When using any substance other than deionized water, please contact your local representatives.
2015.12
[Processing example 2] LED phosphor resin planarization
Variations in resin thickness of the LED emission unit is the cause of color
irregularities. Planarization of the resin and bumps with high accuracy using a
diamond bit can contribute towards the stabilization of LED color emissions.
The even surface thickness results
in uniform LED color distribution
[Processing example 3] Protective tape planarization
Backgrinding of wafers with large bumps can result in high wafer thickness variation.
The final wafer surface thickness variation can be reduced by tape planarization prior to grinding.
DFS8910
DFS8960
DAS8920
DAS8930
Wafer diameter
-
ø8*
ø300/200 mm
ø8
ø300 mm
Number of spindles
-
12
11
Number of chuck tables
-
12
11
Transport/Cleaning
-
-
With
With
Without
Without
Process precision
TTV
μm
Less than 2.0
Less than 3.0
Less than 2.0
Less than 3.0
surface roughness
μm
Within Ra 0.02
Within Ra 0.02
Within Ra 0.02
Within Ra 0.02
Utilities
Machine dimensions (W × D × H)
mm
1,200 X 2,670 X 1,800
1,400X3,312X1,870
500 X 1,235 X 1,800
730 X 1,570 X 1,800
Machine weight
kg
Approx. 2,400
Approx.5,000
Approx. 800
Approx. 1,600
* For customers who would like to process workpieces greater than ø8" in diameter, please contact your local DISCO sales representative.
www.disco.co.jp



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com