Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWS1820 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DWS1820
Description  Water-Sludge Separator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DWS1820 Datasheet(HTML) 1 Page - DISCO Corporation

  DWS1820 Datasheet HTML 1Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For the separation and recovery of high purity
silicon sludge from grinding water.
Water-Sludge Separator
Low cost recovery of silicon sludge
DISCO has developed the DWS1820, which uses a unique filter-less technology to
separate and recover silicon sludge (water containing silicon content) from the
wastewater created in the wafer backside grinding process for semiconductor
manufacturing.
The filter-less technology means that the DWS1820 is comparatively low cost when
compared with existing systems that use a large number of filters.
Realizes a significant footprint reduction
The DWS1820 features a 0.79 ㎡ space saving design, which is approximately 1/8*
the footprint of existing systems.
*When comparing an existing system (Flow rate: 10 m³/h) with 6 DWS1820 units
(equivalent capacity).
Can be combined with our DWR series, DI water
recycling equipment, to recycle the DI water in
grinding wastewater.
Recycling the DI water in grinding wastewater using DWR series equipment alone is
currently difficult due to high silicon sludge content. However, the DWR series can
now be used in combination with the DWS1820 to make this application possible.
DWS1820
DWS1820
Specification
DI water
Grinder
wastewater
Purity : 99% or more
Water content:
Less than 50%
Si sludge
Grinder
Water-Sludge Separator
Separation
DWR series
Sent to wastewater
treatment facilities
Filtered water
DI water recycle
DI water recycle with DWR series
Unit
Flow rate
L/min
30
Silicon separation ability
%
99
Machine dimensions
(W x D x H)
mm
600 x 1,165 x 1,800
Machine weight
kg
620 (when it is dry)
Utilities
Specification
Waste water
treatment
ability
Environmental conditions
• Use clean, oil-free air at a dew point of -15 ℃ or less. (Use a residual oil: 0.1ppm. Filtration rating: 0.01
µm/99.5 % or more).
• Keep room temperature fluctuations within ±1 ℃ of the set value. (Set value should be between 20 - 25 ℃).
• Keep cutting water and cooling water at the same (within ±1 ℃ fluctuations) temperature as the room.
• Use water that has a specific electric conductivity greater than 1µS for cutting.
• The machines should be used in an environment, free from external vibration. Do not install machine near a
ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water.
In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage
treatments.
* All the pressures are described using gauge pressures.
* The above specifications may change due to technical modifications. Please
confirm when placing your order.
* For further information please contact your local sales representatives
2014.11


Similar Part No. - DWS1820

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DWS13-45B IXYS-DWS13-45B Datasheet
765Kb / 22P
Rectifier Diodes & FRED
DWS14-45A IXYS-DWS14-45A Datasheet
765Kb / 22P
Rectifier Diodes & FRED
DWS17-30B IXYS-DWS17-30B Datasheet
765Kb / 22P
Rectifier Diodes & FRED
DWS19-15B IXYS-DWS19-15B Datasheet
765Kb / 22P
Rectifier Diodes & FRED
More results

Similar Description - DWS1820

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E197 ONSEMI-MC10E197 Datasheet
217Kb / 16P
DATA SEPARATOR
1996 REV 2
logo
Festo Corporation.
HPV-10-10-A FESTO-HPV-10-10-A Datasheet
86Kb / 2P
Feed separator
HPV-14-20-A FESTO-HPV-14-20-A Datasheet
86Kb / 2P
Feed separator
HPV-14-40-A FESTO-HPV-14-40-A Datasheet
86Kb / 2P
Feed separator
HPV-22-30-A FESTO-HPV-22-30-A Datasheet
86Kb / 2P
Feed separator
HPV-22-60-A FESTO-HPV-22-60-A Datasheet
86Kb / 2P
Feed separator
HPVS-10-10-A FESTO-HPVS-10-10-A Datasheet
89Kb / 2P
Feed separator
HPVS-14-20-A FESTO-HPVS-14-20-A Datasheet
86Kb / 2P
Feed separator
HPVS-14-40-A FESTO-HPVS-14-40-A Datasheet
87Kb / 2P
Feed separator
HPVS-22-60-A FESTO-HPVS-22-60-A Datasheet
86Kb / 2P
Feed separator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com