Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG308BAK/883 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG308BAK/883
Description  Improved Quad CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG308BAK/883 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG308BAK/883 Datasheet HTML 1Page - Vishay Siliconix DG308BAK/883 Datasheet HTML 2Page - Vishay Siliconix DG308BAK/883 Datasheet HTML 3Page - Vishay Siliconix DG308BAK/883 Datasheet HTML 4Page - Vishay Siliconix DG308BAK/883 Datasheet HTML 5Page - Vishay Siliconix DG308BAK/883 Datasheet HTML 6Page - Vishay Siliconix DG308BAK/883 Datasheet HTML 7Page - Vishay Siliconix DG308BAK/883 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DG308B/309B
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-2
Document Number: 70047
S-52896—Rev. E, 14-Jul-97
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to V–
V+
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa VS, VD
(V–) –2 V to (V+) +2 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
or 30 mA, whichever occurs first
Current, Any Terminal
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current, S or D
(Pulsed at 1 ms, 10% duty cycle max)
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
(AK, Suffix)
–65 to 150
_C
. . . . . . . . . . . . . . . . .
(DJ, DY, DQ Suffix)
–65 to 125
_C
. . . . . . . . . .
Power Dissipation (Package)b
16-Pin Plastic DIPc
470 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin Narrow SOIC and TSSOPd
640 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin CerDIPe
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V– will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 6.5 mW/
_C above 75_C
d.
Derate 7.6 mW/
_C above 75_C
e.
Derate 12 mW/
_C above 75_C
SPECIFICATIONSa
Test Conditions
Unless Specified
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V
VIN = 11 V, 3.5 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
-15
15
-15
15
V
Drain-Source On-Resistance
rDS(on)
VD = "10 V, IS = 1 mA
Room
Full
45
85
100
85
100
W
rDS(on) Match
DrDS(on)
DS
Room
2
%
Source Off Leakage Current
IS(off)
VS = "14 V, VD = #14 V
Room
Full
"0.01
-0.5
-20
0.5
20
-0.5
–5
0.5
5
A
Drain Off Leakage Current
ID(off)
VD = "14 V, VS = #14 V
Room
Full
"0.01
-0.5
-20
0.5
20
-0.5
–5
0.5
5
nA
Drain On Leakage Current
ID(on)
VS = VD = "14 V
Room
Full
"0.02
-0.5
-40
0.5
40
–0.5
–10
0.5
10
Digital Control
Input Voltage High
VINH
Full
11
11
V
Input Voltage Low
VINL
Full
3.5
3.5
V
Input Current
IINH or IINL
VINH or VINL
Full
–
1
1
–
1
1
mA
Input Capacitance
CIN
Room
5
pF
Dynamic Characteristics
Turn-On Time
tON
VS = 3 V, See Figure 2
Room
200
200
ns
Turn-Off Time
tOFF
VS = 3 V, See Figure 2
Room
150
150
ns
Charge Injection
Q
CL = 1000 pF, Vg= 0 V,
Rg = 0 W
Room
1
pC
Source-Off Capacitance
CS(off)
VS = 0 V, f = 1 MHz
Room
5
F
Drain-Off Capacitance
CD(off)
VS = 0 V, f = 1 MHz
Room
5
pF
Channel On Capacitance
CD(on)
VD = VS = 0 V, f = 1 MHz
Room
16
Off Isolation
OIRR
CL = 15 pF, RL = 50 W
Room
90
dB
Channel-to-Channel
Crosstalk
XTALK
CL = 15 pF, RL = 50 W
VS = 1 VRMS, f = 100 kHz
Room
95
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com