Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL101 Datasheet(PDF) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

Part # RL101
Description  GENERAL PURPOSE PLASTIC SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOOCHIN [SHENZHEN KOO CHIN ELECTRONICS CO., LTD.]
Direct Link  http://www.hz-dz.net
Logo KOOCHIN - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

RL101 Datasheet(HTML) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

  RL101 Datasheet HTML 1Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD. RL101 Datasheet HTML 2Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RL101 THRU RL107
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
REVERSE VOLTAGE:
50 to 1000 VOLTS
FORWARD CURRENT:
1.0 AMPERE
FEATURES
· Low forward voltage drop
A-405
· High current capability
· High capability
.025 (.64)
· High surge current capability
(25.4) 1.0
.021 (.53)
· Exceeds environmental standards of MIL-S-19500/228
MIN
MECHANICAL DATA
(5.2) .205
Case: Molded plastic, A-405
(4.1) .160
Epoxy: UL 94V-O rate flame retardant
.107 (2.7)
Lead: Axial leads, solderable per MIL-STD-202,
(25.4) 1.0
.080 (2.0)
method 208 guaranteed
MIN
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.008ounce, 0.22gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
RL101
RL102
RL103
RL104
RL105
RL106
RL107
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at T A=75℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage
at 1.0A DC and 25℃
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJA
℃
/W
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient 0.375"(9.5mm) lead length P.C.B. Mounted.
IR
Amp
Amp
Volts
uAmp
1.1
5.0
500
Dimensions in inches and (millimeters)
I(AV)
IFSM
VF
1.0
30
15
50
-55 to +150
-55 to +150


Similar Part No. - RL101

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL101 GOOD-ARK-RL101 Datasheet
199Kb / 2P
GENERAL PURPOSE PLASITC RECTIFIER
logo
Micro Commercial Compon...
RL101 MCC-RL101 Datasheet
78Kb / 3P
1 Amp Rectifier 50 - 1000 Volts
logo
DAESAN ELECTRONIC CORP.
RL101 DAESAN-RL101 Datasheet
304Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
logo
TAITRON Components Inco...
RL101 TAITRON-RL101 Datasheet
182Kb / 5P
1.0A Standard Rectifier
More results

Similar Description - RL101

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N5391 SEMTECH_ELEC-1N5391 Datasheet
236Kb / 2P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Continental Device Indi...
RL201 CDIL-RL201 Datasheet
245Kb / 3P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
BY133 CDIL-BY133 Datasheet
80Kb / 5P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
8A05 KOOCHIN-8A05 Datasheet
242Kb / 2P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
1N4001 KOOCHIN-1N4001 Datasheet
271Kb / 2P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
10A05 KOOCHIN-10A05 Datasheet
344Kb / 2P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Nantong Hornby Electron...
1N540X HORNBY-1N540X Datasheet
234Kb / 3P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
6AX HORNBY-6AX Datasheet
251Kb / 3P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
10AX HORNBY-10AX Datasheet
233Kb / 3P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
RL10X HORNBY-RL10X Datasheet
234Kb / 3P
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com