Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT40K05AL Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT40K05AL
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K05AL Datasheet(HTML) 2 Page - ATMEL Corporation

  AT40K05AL Datasheet HTML 1Page - ATMEL Corporation AT40K05AL Datasheet HTML 2Page - ATMEL Corporation AT40K05AL Datasheet HTML 3Page - ATMEL Corporation AT40K05AL Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
AT40KAL Series FPGA
2818ES–FPGA–1/04
Note:
1. Packages with FCK will have 8 less registers.
Description
The AT40KAL is a family of fully PCI-compliant, SRAM-based FPGAs with distributed
10 ns programmable synchronous/asynchronous, dual-port/single-port SRAM, 8 global
clocks, Cache Logic ability (partially or fully reconfigurable without loss of data), auto-
matic component generators, and range in size from 5,000 to 50,000 usable gates. I/O
counts range from 128 to 384 in industry standard packages ranging from 84-pin PLCC
to 352-ball Square BGA, and support 3.3V designs.
The AT40KAL is designed to quickly implement high-performance, large gate count
designs through the use of synthesis and schematic-based tools used on a PC or Sun
platform. Atmel’s design tools provide seamless integration with industry standard tools
such as Synplicity, ModelSim, Exemplar and Viewlogic. See the “IDS Datasheet” avail-
able on the Atmel web site (http://www.atmel.com/atmel/acrobat/doc1421.pdf) for a list
of other supported tools.
The AT40KAL can be used as a coprocessor for high-speed (DSP/processor-based)
designs by implementing a variety of computation intensive, arithmetic functions. These
include adaptive finite impulse response (FIR) filters, fast Fourier transforms (FFT), con-
volvers, interpolators and discrete-cosine transforms (DCT) that are required for video
compression and decompression, encryption, convolution and other multimedia
applications.
Fast, Flexible and
Efficient SRAM
The AT40KAL FPGA offers a patented distributed 10 ns SRAM capability where the
RAM can be used without losing logic resources. Multiple independent, synchronous or
asynchronous, dual-port or single-port RAM functions (FIFO, scratch pad, etc.) can be
created using Atmel’s macro generator tool.
Fast, Efficient Array and
Vector Multipliers
The AT40KAL’s patented 8-sided core cell with direct horizontal, vertical and diagonal
cell-to-cell connections implements ultra fast array multipliers without using any busing
resources. The AT40KAL’s Cache Logic capability enables a large number of design
coefficients and variables to be implemented in a very small amount of silicon, enabling
vast improvement in system speed at much lower cost than conventional FPGAs.
Table 1. AT40KAL Family
(1)
Device
AT40K05AL
AT40K10AL
AT40K20AL
AT40K40AL
Usable Gates
5K - 10K
10K - 20K
20K - 30K
40K - 50K
Rows x Columns
16 x 16
24 x 24
32 x 32
48 x 48
Cells
256
576
1,024
2,304
Registers
496
(1)
954
(1)
1,520
(1)
3,048
(1)
RAM Bits
2,048
4,608
8,192
18,432
I/O (Maximum)
128
192
256
384



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com