Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT84CS001VTP Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT84CS001VTP
Description  10-BIT 1:2/4 2.2GHz LVDS DMUX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT84CS001VTP Datasheet(HTML) 6 Page - ATMEL Corporation

  AT84CS001VTP Datasheet HTML 1Page - ATMEL Corporation AT84CS001VTP Datasheet HTML 2Page - ATMEL Corporation AT84CS001VTP Datasheet HTML 3Page - ATMEL Corporation AT84CS001VTP Datasheet HTML 4Page - ATMEL Corporation AT84CS001VTP Datasheet HTML 5Page - ATMEL Corporation AT84CS001VTP Datasheet HTML 6Page - ATMEL Corporation AT84CS001VTP Datasheet HTML 7Page - ATMEL Corporation AT84CS001VTP Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
AT84CS001
5402AS–BDC–11/04
AT84CS001 Pinout
Figure 2. EBGA 240 (Bottom View)
SLEEP
A0N
A1N
A2N
A3N
A4N
A5N
A6N
A7N
A8N
A9N
AORN
B0N
B1N
B2N
B3N
B4N
B0
B1
B2
B3
ASYNCRST
AO
A1
A2
A3
A4
A5
A6
A7
A8
A9
VPLUSD
VPLUSD
VCCD
VPLUSD
VCCD
VPLUSD
VCCD
VPLUSD
VPLUSD
VPLUSD
VCCD
B4
B5N
B6N
B5
VCCD
VCCD
VPLUSD
VPLUSD
VCCD
VPLUSD
VCCD
VPLUSD
VPLUSD
VCCD
VCCD
VCCD
VCCD
VCCD
VCCD
VPLUSD
B6
B7N
B7
B8N
B8
B9N
B9
VPLUSD
VPLUSD
DR
VCCD
DRN
DRTYPE
VPLUSD
VPLUSD
RS
C0N
C0
C1N
VPLUSD
VPLUSD
C1
C2N
C2
C3N
VPLUSD
VPLUSD
C3
C4N
VCCD
VCCD
VCCD
VCCD
VCCD
VCCD
VCCD
VCCD
VCCD
VCCD
DGND
CLKTYPE
DACTRL
DAEN
BIST
VCCD
D9N
D9
VPLUSD
VPLUSD
D8
D8N
D7N
D7
VPLUSD
VPLUSD
VCCD
D6
D6N
D5N
D5
VPLUSD
VPLUSD
D4
D4N
D3N
D3
VPLUSD
VPLUSD
D2
D2N
D1N
D1
VPLUSD
VPLUSD
VPLUSD
D0
D0N
VPLUSD
C9N
C9
VPLUSD
C8
C8N
C7N
C7
C5
C4
C5N
C6N
C6
CLKDACTRL
I2
I1
I0
DIODE
IOR
DGND
N/C
DGND
DA0N
DAIN
I2N
VCCD
VCCD
N/C
DGND
DGND
VPLUSD
VPLUSD
VPLUSD
VPLUSD
DGND
I1N
I0N
DGND
DGND
DGND
DGND
DGND
DGND
DGND
DGND
DGND
DGND
DGND
DGND
DGND
STAGG
DA0
DAI
I3
CLK
I4
I5
I6
I7
I5N
I6N
I7N
I4N
I8
I9
I9N
I8N
CLKN
I3N
IORN
VCCD
DGND
DGND
VCCD
VCCD
DGND
DGND
VCCD
VCCD
DGND
VCCD
VCCD
VCCD
DGND
DGND
VCCD
VCCD
DGND
DGND
DRA
/
DRAN
AOR
/
DRB
BORN
/
DRBN
BOR
/
DRCN
COR
/
DRC
CORN
/
DRDN
DOR
/
DRD
DORN
/



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com