Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM80C85AHJS Datasheet(PDF) 24 Page - OKI electronic componets

Part # MSM80C85AHJS
Description  8-Bit CMOS MICROPROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C85AHJS Datasheet(HTML) 24 Page - OKI electronic componets

Back Button MSM80C85AHJS Datasheet HTML 20Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 21Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 22Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 23Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 24Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 25Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 26Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 27Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 28Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
24/29
¡ Semiconductor
MSM80C85AHRS/GS/JS
Differences between MSM80C85AH and MSM80C85A/MSM80C85A-2
1) Manufacturing Process
2) Functions
3) Electrical Characteristics
3-1) Operating Conditions
3-2) DC Characteristics
Item
MSM80C85A
MSM80C85A-2
MSM80C85AH
Manufacturing Process
3mSi-CMOS
2.5mSi-CMOS
2mSi-CMOS
Notes: "at RES'' means ''at reset time'' and ''in PD'' means ''in power down mode''.
As shown above, the VOL and VOH ranges the MSM80C85AH contain those of the MSM80C85A/
MSM80C85A-2. Although the supply current range (at a power failure) of the MSM80C85AH does
not contain that of the MSM80C85A-2, this does not affect the actual use of the MSM80C85AH.
3-3) AC Characteristics
The AC characteristics (5 MHz) of the MSM80C85AH satisfy that (3 MHz) of the MSM80C85A. The
MSM80C85AH also satisfies that (5MHz) of the MSM80C85A.
Parameter
MSM80C85A
MSM80C85A-2
MSM80C85AH
Power Supply Voltage
4 to 6 V
3 to 6 V
3 to 6 V
Symbol
VCC
Item
MSM80C85A
MSM80C85A-2
MSM80C85AH
Power-down Function
Not provided
Provided
(but may malfunction
when HOLD is used)
Provided (The malfunction
has been removed.)
Address output during
T4 to T6 cycles
Undefined (compatible
with Intel devices)
Not fixed
The contents of data
in T3 cycle are retained
(for low power consumption).
Parameter
MSM80C85A
MSM80C85A-2
MSM80C85AH
''L''Level
Output Voltage
0.45 V maximum
(+2 mA)
0.45 V maximum
(+2 mA)
0.40 V maximum
(+2.5 mA)
Symbol
VOL
''H''Level
Output Voltage
2.4 V minimum
(-400 mA)
2.4 V minimum
(-400 mA)
3.0 V maximum
(-2.5 mA)
VOH
''H''Level
Output Voltage
4.2 V minimum
(-40 mA)
4.2 V minimum
(-40 mA)
VCC-0.2 V minimum
(-100 mA)
VOH
Supply Current
(at RES)
22 mA maximum
(@3 MHz)
20 mA maximum
(@5 MHz)
20 mA maximum
(@5 MHz)
ICC
Supply Current
(in PD)
None
7 mA maximum
(@5 MHz)
10 mA maximum
(@5 MHz)
ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com