Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC880ZP66 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC880ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC880ZP66 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC880ZP66 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
66
Freescale Semiconductor
CPM Electrical Characteristics
12.11SPI Slave AC Electrical Specifications
Table 27 provides the SPI slave timings as shown in Figure 67 and Figure 68.
Figure 67. SPI Slave (CP = 0) Timing Diagram
Table 27. SPI Slave Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
170
Slave cycle time
2
—
tcyc
171
Slave enable lead time
15
—
ns
172
Slave enable lag time
15
—
ns
173
Slave clock (SPICLK) high or low time
1
—
tcyc
174
Slave sequential transfer delay (does not require deselect)
1
—
tcyc
175
Slave data setup time (inputs)
20
—
ns
176
Slave data hold time (inputs)
20
—
ns
177
Slave access time
—
50
ns
SPIMOSI
(Input)
SPICLK
(CI=0)
(Input)
SPICLK
(CI=1)
(Input)
SPIMISO
(Output)
180
Data
181
182
173
173
170
msb
lsb
msb
181
177
182
175
179
SPISEL
(Input)
171
172
174
Data
msb
lsb
msb
Undef
181
178
176
182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com