Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC477 Datasheet(PDF) 4 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC477
Description  Switch Hall IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC477 Datasheet(HTML) 4 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC477 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC477 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Datasheet
December, 2013 Rev. 1. 2
4/8
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Switch Hall IC
SDC477
Absolute Maximum Ratings (Note: Stresses greater than those listed under absolute maximum ratings may cause
permanent damage to the device.)
Parameter
Symbol
Value
Units
Supply Voltage
VCC
24
V
Output Voltage
VOUT
24
V
Output current
Continuous
IOUT
250
mA
Hold
350
Peak
700
Package power dissipation
PD
550
mW
Storage temperature range
TS
-65 to 150
°C
Maximum junction temperature
TJ
150
°C
ESD, HBM model per Mil-Std-883, Method 3015
HBM
2000
V
ESD, MM model per JEDEC EIA/JESD22-A115
MM
200
V
Latch-up test per JEDEC 78
-
200
mA
Table 2. Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Power supply
VCC
3.8
20
V
Operation temperature
Ta
-20
85
°C
Table 3 Recommended Operating Conditions
Electrical Characteristics (Ta=25°C, VCC=18V, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply voltage
VCC
-
3.8
18
20
V
Quiescent supply current
ICC
VCC= 20V,other pins are open
-
10
15
mA
Output saturation voltage
VCE(sink)
VCC=18V, IC= 200mA
-
0.5
0.8
V
VCE(drive)
VCC=18V, IC= 200mA
-
0.9
1.3
V
Rise time
tr
RL=820Ω, CL=20pF
-
0.5
1.0
us
Fall time
tf
RL=820Ω, CL=20pF
-
0.5
1.5
us
Switch time differential
Δt
RL=820Ω, CL=20pF
-
0.5
1.0
us
Table 4. Electrical Characteristics
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com