Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC4563 Datasheet(PDF) 6 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC4563
Description  Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC4563 Datasheet(HTML) 6 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDC4563 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC4563 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC4563 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC4563 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC4563 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC4563 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC4563 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC4563 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDC4563 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Datasheet
December, 2013 Rev. 1.1
6/13
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Current Mode PWM Controller
SDC4563
Electrical Characteristics (Ta=25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage (VDD)
VDD start up current
ISTART
VDD=12.5V, RI=100k
-
3
20
uA
Operation current
IDD
VDD=16V, RI=100k, VFB=3V
-
1.4
-
mA
VDD under voltage lockout
(enter)
VUVLO(ON)
-
7.8
8.8
9.8
V
VDD under voltage lockout (exit)
VUVLO(OFF)
-
13
14
15
V
VDD clamp voltage
VDD_CLAMP
ICLAMP =10mA
-
34
-
V
Feedback Input Section(FB Pin)
PWM input gain
AVCS
VFB/△VCS
-
2.0
-
V/V
FB open loop voltage
VFB_OPEN
-
-
4.8
-
V
FB pin short circuit current
IFB_SHORT
Short FB pin to GND and
Measure Current
-
0.8
-
mA
Input impedance
ZFB
-
-
6
-
Zero duty cycle FB threshold
voltage
VFB_0D
VDD=16V, RI=100k
-
-
0.75
V
Power limiting fb threshold
voltage
VFB_PL
-
-
3.7
-
V
Power limiting debounce time
tFB_PL
-
-
35
-
ms
Maximum duty cycle
DCMAX
VDD=18V, RI=100k,
FB=3V, CS=0
-
75
-
%
Current Sense Input(Sense Pin)
Leading edge blanking time
TLEB
RI=100k
-
300
-
ns
Input impedance
ZSENSE
-
-
40
-
Over current detection and
control delay
tD_OC
VDD=16V,
CS> VTH_OC, FB=3.3V
-
75
-
ns
Over current threshold voltage at
zero duty cycle
VTH_OC
FB=3.3V, RI=100k
0.70
0.75
0.80
V
Oscillator
Normal oscillation frequency
fOSC
RI =100K
60
65
70
kHz
Frequency temperature stability
fTEMP
VDD=16V, RI=100k,
Ta=-20°C~100°C
-
5
-
%
Frequency voltage stability
fVDD
VDD=12V~25V, RI=100k
-
5
-
%
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com