Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT5012 Datasheet(PDF) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT5012
Description  24-Bit, 192kHz Stereo D/A Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT5012 Datasheet(HTML) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT5012 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT5012 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT5012 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT5012 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HT5010/1/2
D/A Converter
Copyright©2018, Jiaxing Heroic Technology Co., Ltd
-2-
12/2018 – V0.6
24-Bit, 192kHz Stereo D/A Converter
FEATURES
・Multiple audio data interface formats, up to 24-bit
・Automatically Detects Sample Rates up to
192kHz
・105dB Dynamic Range
・-90dB THD+N
・Multi-bit Delta-Sigma Modulator
・3.3V Single Power Supply
・Low Clock-Jitter Sensitivity
・Filtered Line-Level Outputs
・On-chip Digital De-emphasis
・Output pop-noise Minimization
・Small 10-pin MSOP Package
APPLICATIONS
・Speakers ・TV sets
・DVD Player ・Set top box
・Digital Photo Frame ・DVD recorder
・Home theater・Automotive audio system
DESCRIPTION
The HT5010/1/2 family is a low-cost stereo digital to
analog converter, including interpolation, multibit
D/A conversion and output analog filtering in a
10-pin package.
The device family can accept multiple audio
formats up to 24-bit word length.
The device family is based on an advanced multi-bit
Δ-Σ modulator to convert data into two channel
analog outputs with a linear analog low-pass filter.
The multi-bit Δ-Σ modulator makes the device with
very low sensitivity to clock jitter and very low
out-of-band noise. It also includes auto speed
mode detection using both sample rate and master
clock ratio as a method of auto-selecting sampling
rates between 2 kHz and 200 kHz.
The
device
family
contains
on-chip
digital
deemphasis, operates from a single +3.3 V power
supply, and requires minimal support circuitry.
These features are ideal for DVD players &
recorders, digital televisions, home theater and set
top box products, and automotive audio systems.
The device family is available in a 10-pin MSOP
package.
BLOCK DIAGRAM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com