Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6808 Datasheet(PDF) 4 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT6808
Description  HT6808 Brief Introduction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT6808 Datasheet(HTML) 4 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT6808 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT6808 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT6808 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT6808 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT6808 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT6808 Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HT6808
Copyright©2011, Jiaxing Heroic Technology Co., Ltd
-4-
Mar. 2011 V1.0
3W Ultra Low-EMI Anti-Clipping
Stereo Class D Audio Power Amplifier
FEATURES
Anti-Clipping Function(ACF)
Excellent EMI Suppression Performance
Optimized PWM Output Stage Eliminating LC
Output Filter
Maximum Output
3.0 W×2ch (VDD=5.0V, RL=4Ω, THD+N=10%)
1.9 W×2ch (VDD=5.0V, RL=8Ω, THD+N=10%)
Efficiency
85%@VDD=5.0V, RL=4Ω, Po=1W
Low THD+N
0.1%@ VDD=5.0V, RL=4Ω, Po=1W
Channel separation
80dB@fIN=1kHz, Av=18dB
High S/N Ratio
90dB@ VDD=5.0V, Av=18dB
Excellent Click-Pop Noise Reduction Function
MUTE Function
Independent Channel Power Down Function
Over-Current Protection Function, Thermal
Protection Function
Low Voltage Malfunction Prevention Function
Pb-Free Package, TSSOP-20, QFN-20
APPLICATIONS
Portable Speakers, USB Speakers, FM Speakers
MP3/MP4
Portable Gamers, Digital Photo Frame
Mobile Phone, Notebook PC
Small Size LCD TV/Monitors
GENERAL DESCRIPTION
HT6808 is a Ultra Low-EMI Anti-Clipping stereo
Class D audio power amplifier IC with maximum
output power of 3W,efficiency up to 90%.
HT6808 features Anti-Clipping Function (ACF)
which detects output signal clip due to the over
input signal and suppresses the output signal clip
automatically. Also the ACF function can adapt the
output clip caused by power supply voltage down
with battery . It can significantly improves the
sound quality, creating a very comfortable musical
enjoyment, and to protect the speakers from
overload damage. In addition Sound quality and
output power can be freely set by external
resistance or capacitance of ACRC.HT6808 also
supply ACF OFF mode.
HT6808 has excellent EMI radiation suppression
characteristics, well below the FCC Part15 Class B
standards, simplifying system design and lowering
system cost.
HT6808 has a “Pure Pulse Direct Speaker Drive
Circuit” which directly drives speakers while
reducing distortion of pulse output signal and
reducing noise on the signal, and realizes the
highest standard low distortion rate characteristics
and low noise characteristics among digital
amplifier ICs for portable use.
HT6808 has the independent Shutdown function
which can minimize the power consumption at
standby and MUTE function. As for protection
function, over current protection function for
speaker
output
terminals,
over
temperature
protection function, and low supply voltage
malfunction preventing function are also prepared.
HT6808 is available in Pb-Free TSSOP-20 and
QFN-20 package.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com