Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6845 Datasheet(PDF) 4 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT6845
Description  HT6845 Brief Introduction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT6845 Datasheet(HTML) 4 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT6845 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT6845 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT6845 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT6845 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT6845 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT6845 Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HT6845
Copyright©2011, Jiaxing Heroic Technology Co., Ltd
-4-
Mar. 2011 V1.0
3.4W Low-EMI Anti-Clipping
Mono Class D Audio Power Amplifier
FEATURES
Anti-Clipping Function(ACF)
Excellent EMI Suppression Performance
Optimized PWM Output Stage Eliminating LC
Output Filter
Maximum Output
3.2 W×1ch (VDD=5.0V, RL=4Ω, THD+N=10%)
0.9 W×1ch (VDD=3.6V, RL=8Ω, THD+N=10%)
Efficiency
91% (VDD=5.0V, RL=8Ω, Po=1W)
88% (VDD=3.6V, RL=8Ω, Po=600mW)
78% (VDD=3.6V, RL=8Ω, Po=100mW)
Excellent Click-Pop Noise Reduction Function
High S/N Ratio, 95dB (VDD=3.6V, Av=18dB)
Low Shutdown Current, 0.01µA
Internal Fixed Gain of 8 V/V (18dB)
Over-Current Protection Function
Thermal Protection Function
Low Voltage Malfunction Prevention Function
Pb-Free Packages, 1.45mmx1.6mm 9-ball
WLCSP
APPLICATIONS
Mobile phones, iPhone, Mp3/Mp4 docking
PDAs, GPS, Digital Photo Frame
PMP/MP4 players, Portable Gamers
Portable Speakers, USB Speakers
GENERAL DESCRIPTION
HT6845 is a low-EMI, Anti-Clipping, filter-less,
monaural Class D power amplifier with an output
power of 3.4W. It has a high efficiency for mobile
applications with Class AB amplifier performance.
HT6845 features Anti-Clipping Function (ACF)
which detects and suppresses output signal
clippings due to the over level inputs of music or
voice signals. The ACF function also can adapt the
output clippings caused by power supply voltage
down in battery applications. It improves acoustical
quality
considerably,
gives
great
listening
enjoyment, and prevents speaker from overload
damaging. According to different audio sources,
two modes, ACF-1 and ACF-2, could be selected to
achieve a best audio performance.
HT6845 has excellent EMI radiation suppression
characteristics, well below the FCC Part15 Class B
standards, simplifying system design and lowering
system cost.
HT6845 has a filter-less modulation circuit which
directly drives speakers, realizes highest standard
low distortion and low noise characteristics among
digital amplifier ICs for mobile use. Thanks to
filter-less, circuit design with fewer external parts
can be made in portable applications.
HT6845
has
shutdown
mode,
over-current
protection, over-temperature protection and low
supply voltage malfunction preventing function.
HT6845 is available in WLCSP-9 package.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com