Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM81C55-5JS Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM81C55-5JS
Description  2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM81C55-5JS Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM81C55-5JS Datasheet HTML 9Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 10Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 11Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 12Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 13Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 14Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 15Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 16Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
¡ Semiconductor
MSM81C55-5RS/GS/JS
M2
M1
0
0
Outputs a low-level signal in the latter half (Note 1) of a count period.
0
1
Outputs a low-level signal in the latter half of a count period, automatically
loads the programmed count length, and restarts counting when the TC
value is reached.
1
0
Outputs a pulse when the TC value is reached.
1
1
Outputs a pulse each time the preset TC value is reached, automatically
loads the programmed count length, and restarts from the beginning.
Notes: 1. When counting an asymmetrical value such as (9), a high level is output during
the first period of five,and a low level is output during the second period of four.
2. If an internal counter of the MSM81C55-5 receives a reset signal, count operation
stops but the counter is not set to a specific initial value or output mode. When
restarting count operation after reset, the START command must be executed
again through the C/S register.
Note that while the counter is counting, you may load a new count and mode into the CLR.
Before the new count and mode will be used by the counter, you must issue a START
command to the counter. Please note the timer circuit on the MSM81C55-5 is designed to
be a square-wave timer, not a event counter. To achieve this, it counts down by twos twice
in completing one cycle. Thus, its registers do not contain values directly representing the
number of TIMER IN pulse received. After the timer has started counting down, the values
residing in the count registers can be used to calculate the actual number of TIMER IN pulse
required to complete the timer cycle if desired. To obtain the remaining count, perform the
following operations in order.
1.
STOP the counter
2.
Read in the 16-bit value from the count registers.
3.
Reset the upper two mode bits
4.
Reset the carry and rotate right one position all 16 bits through carry
5.
If carry is set, add 1/2 of the full original count (1/2 full count-1 if full count is odd).
Note: If you started with an odd count and you read the count registers before the third
count
pulse occurs, you will not be able to recognize whether one or two
counts have
occurred. Regardless of this, the MSM81C55-
5 always counts out the right number of pulses
in generating the
TIMER OUT waveforms.
55
34
2
(TC)
55
53
42
(TC)
53
4
Start
Start
n=5
(Square Wave)
(Pulse)
n=4
(Square Wave)
(Pulse)
TIMER-IN
WR
TIMER-OUT
TIMER-OUT
WR
TIMER-OUT
TIMER-OUT
Note: n is the value set in the CLR. Figures in the diagram refer to counter values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com