Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6871 Datasheet(PDF) 4 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT6871
Description  HT6871 Brief Introduction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT6871 Datasheet(HTML) 4 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT6871 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT6871 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT6871 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT6871 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT6871 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT6871 Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HT6871
Copyright©2011, Jiaxing Heroic Technology Co., Ltd
-4-
Mar. 2011 V1.0
3.4W Low-EMI Anti-Clipping Filter-Less
Mono Class D Audio Power Amplifier
FEATURES
Anti-Clipping Function, ACF
Excellent EMI Suppression Performance
Filter-less Modulation, Eliminating Output Filter
Output Power(WLCSP-9)
3.4 W (VDD=5.0V, RL=4Ω, THD+N=10%)
Output Power(SOP-8)
2.5 W (VDD=5.0V, RL=4Ω, THD+N=10%)
High Efficiency
91% (VDD=5.0V, RL=8Ω, PO=1W, WLCSP-9)
88% (VDD=3.6V, RL=8Ω, PO=0.6W, WLCSP-9)
89% (VDD=5.0V, RL=8Ω, PO=1W, SOP-8)
Excellent Click-Pop Noise Reduction Function
High SNR:95dB (VDD=5V, Av=18dB)
Low Shutdown Current:0.01µA
Over-Current Protection Function
Thermal Protection Function
Low Voltage Malfunction Prevention Function
Pb-Free Packages, SOP-8 or WLCSP-9
APPLICATIONS
Portable Speakers
USB Speakers
iphone/ipod, MP3/4 docking ・PSP
PMP/MP4/MP5
GPS
Digital Photo Frame
Mobile Phones
PDAs
GENERAL DESCRIPTION
HT6871 is a low-EMI, Anti-Clipping, filter-less,
monaural Class D power amplifier with an output
power of 3.4W (WLCSP-9 Packages). It has a high
efficiency for various applications with Class AB
amplifier performance.
HT6871 features Anti-Clipping Function (ACF)
which detects and suppresses output signal
clippings due to the over level inputs. ACF function
also can adapt the output clippings caused by
power supply voltage down in battery applications.
It improves acoustical quality considerably, gives
great listening enjoyment, and prevents speaker
from overload damaging. According to different
application requirements, two modes of ACF-1 and
ACF-2 could be selected to achieve a maximal
THD+N of 3% and 10% respectively.
HT6871 has excellent EMI radiation suppression
characteristics. The radiation level is well below
FCC Part15 Class B standards without any additive
design. It keeps from interference with other EMI
sensitive circuits, simplifies system design and
lowers system cost.
HT6871 has a filter-less modulation circuit which
directly drives speakers, realizes highest standard
low distortion and low noise characteristics among
digital amplifier ICs for mobile use. Thanks to
filter-less, circuit design with fewer external parts
can be made in portable applications.
HT6871
has
shutdown
mode,
over-current
protection, over-temperature protection and low
supply voltage malfunction preventing function.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com