Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD1030DA-7/TR Datasheet(PDF) 2 Page - Will Semiconductor Ltd.

Part # WD1030DA-7/TR
Description  High Efficiency 5V, 1.5A continuous, 1.3MHz Synchronous Step-Down Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WD1030DA-7/TR Datasheet(HTML) 2 Page - Will Semiconductor Ltd.

  WD1030DA-7/TR Datasheet HTML 1Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 2Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 3Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 4Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 5Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 6Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 7Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 8Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 9Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
WD1030
Will Semiconductor Ltd.
2
Dec,2017- Rev. 1.0
Typical applications
VIN
EN
VSEL
GND
FB
LX
L1:1uH
Vin:2.7-5.5V
ON/OFF
PWM/PFM
WD1030DA
RPG
100K
R2
60K
C1
22pF
Cout
22uF
PG
Fig1 Schematic Diagram
Pin descriptions
Pin Name
Pin Number
Pin Description
FB
1
Feedback pin. Connected to the feedback resistor for adjustable
version or VOUT for fix output version
EN
2
Enable Control. Pull high to turn on. Do not leave it floating
PG
3
Power Good Indicator.
A pull up resistor is needed.
VSEL
4
Do not leave it floating.
0=PFM, 1=PWM mode
VIN
5
Input pin. Decouple this pin to GND with at least 10 uF ceramic Cap.
LX
6
Inductor pin.
GND
7
Ground pin.
Absolute maximum ratings (1)
Parameter
MIN
MAX
Unit
Power Supply VCC
-0.3
6.0
V
Others Pins
-0.3
VCC+0.6V
V
Power Dissipation, PD @ TA =25℃,QFN1515-7L
1.5
W
Package Thermal Resistance TJA
66
°C /W
Package Thermal Resistance TJC
5
°C /W
Junction Temperature TJ
150
°C
Lead Temperature (Soldering,10 sec)
260
°C
Storage Temperature Range
-65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated
under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com