Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8692SP Datasheet(PDF) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8692SP
Description  6.5W Class D Audio Power Amplifier with BOOST Boost and Anti-Broken
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8692SP Datasheet(HTML) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT8692SP Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT8692SP Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT8692SP Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HT8692
D 类音频功率放大器
版权所有
©2015, 嘉兴禾润电子科技有限公司
-2-
01/2015 – V1.0
引脚信息
1
2
3
4
16
15
14
13
AGND
VBAT
MUCH
FB
CTRL
ABD
OUT+
SOP16L-PP 顶视图
5
6
7
8
9
10
11
12
LX
LX
DGND
DGND
PVDD
OUT-
PGND
IN+
IN-
引脚定义*1
SOP
引脚号
引脚
名称
I/O
ESD
保护电路
功能
1
AGND
GND
PN
模拟地
2
VBAT
Power
PN
电池电源电压
3
MUCH
I
PN
静音逻辑,
H静音
4
FB
I
PN
电压反馈取样点
5,6
LX
I
-
升压调整管输入
7,8
DGND
GND
-
功率地
9
PVDD
Power
-
升压转换器输出电压
10
OUT-
O
-
反相输出端(
BTL-)
11
PGND
GND
-
功率地
12
OUT+
O
-
同相输出端(
BTL+)
13
IN+
I
PN
同相输入端(差分
+)
14
IN-
I
PN
反相输入端(差分
-)
15
ABD
I
PN
AB类和D类工作模式切换
16
CTRL
I
PN
ACF模式和关断模式控制端
注
1 I: 输入端
O: 输出端
A: 模拟端



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com