Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC81A1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SPC81A1
Description  80KB Sound Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPC81A1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SPC81A1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPC81A1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPC81A1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPC81A1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPC81A1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPC81A1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPC81A1 Datasheet HTML 9Page - List of Unclassifed Manufacturers SPC81A1 Datasheet HTML 10Page - List of Unclassifed Manufacturers SPC81A1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SPC81A1
6.13. Power Savings Mode
The SPC81A1 provides a power savings mode (Standby mode)
for those applications that require very low stand-by current. To
enter standby mode, the Wake-Up Register should be enabled
and then stop the CPU clock by writing the STOP CLOCK
Register. The CPU will then go to the stand-by mode. In such a
mode, RAM and I/Os will remain in their previous states until being
awakened.
Port IOD7-0 is the only wake-up source in the
SPC81A1. After the SPC81A1 is awakened, the internal CPU
will go to the RESET State (Tw ≧ 65536 x T1) and then continue
processing the program. Wakeup Reset will not affect RAM or
I/Os (FIG.1).
T1
Tw
CPU CLK
Sleep
Wake-up
Reset
FIG. 1
T1 = 1 / (FCPU), Tw ≧ 65536 x T1
6.14. Low Voltage Reset
The SPC81A1 provides a Low Voltage Reset (LVR) function.
Below the minimum power-supply voltage of 2.2V, the CPU
system will become unstable and malfunction.
Low Voltage
Reset will reset all functions into the initial operational (stable)
state if the VDD power-supply voltage drops below 2.2V (See
FIG.2).
T2
TW
T2
2 * T1
≧
T1
2.2V
VDD
CPU CLK
RESET
(The LVR function is the same as Power ON Reset or External Reset.)
FIG. 2
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
7
SEP. 06, 2001
Version: 1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com