Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1002CT Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH1002CT
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1002CT Datasheet(HTML) 3 Page - STMicroelectronics

  STTH1002CT Datasheet HTML 1Page - STMicroelectronics STTH1002CT Datasheet HTML 2Page - STMicroelectronics STTH1002CT Datasheet HTML 3Page - STMicroelectronics STTH1002CT Datasheet HTML 4Page - STMicroelectronics STTH1002CT Datasheet HTML 5Page - STMicroelectronics STTH1002CT Datasheet HTML 6Page - STMicroelectronics STTH1002CT Datasheet HTML 7Page - STMicroelectronics STTH1002CT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH1002C
3/8
I (A)
M
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
T
δ=tp/T
tp
IM
P = 10W
P = 5W
P = 2W
δ
Fig. 1: Peak current versus duty cycle (per diode).
0
10
20
30
40
50
60
70
80
90
100
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
V
(V)
FM
I
(A)
FM
T =25°C
j
T =150°C
j
Fig. 2-1: Forward voltage drop versus forward
current (typical values, per diode).
Z/R
th(j-c)
th(j-c)
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
t(s)
p
Fig. 3-1: Relative variation of thermal impedance
junction to case versus pulse duration (TO-220AB,
I
2PAK, D2PAK, DPAK).
10
100
0
50
100
150
200
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
Fig. 4: Junction capacitance versus reverse
voltage applied (typical values, per diode).
I
(A)
FM
0
10
20
30
40
50
60
70
80
90
100
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
T =150°C
j
T =25°C
j
V
(V)
FM
Fig. 2-2: Forward voltage drop versus forward
current (maximum values, per diode).
Z/R
th(j-c)
th(j-c)
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
t(s)
p
Fig. 3-2: Relative variation of thermal impedance
junction
to
case
versus
pulse
duration
(TO-220FPAB).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com