Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMBA0N10CS Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EMBA0N10CS
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMBA0N10CS Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EMBA0N10CS Datasheet HTML 1Page - Excelliance MOS Corp. EMBA0N10CS Datasheet HTML 2Page - Excelliance MOS Corp. EMBA0N10CS Datasheet HTML 3Page - Excelliance MOS Corp. EMBA0N10CS Datasheet HTML 4Page - Excelliance MOS Corp. EMBA0N10CS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
2013/10/8 
p.5 
EMBA0N10CS
Single Pulse Time( sec ) 
Single Pulse Maximum Power Dissipation
0.01
0
1000
500
0.1
1
2500
1500
2000
3000
10
100
1000
R    = 4.0 C/W
Single Pulse
C
°
T  = 25 C
θJC
°
D C
V     ‐   Dr a i n ‐ So u r c e   Vo l t a g e (   V   )
   V     =   10 V
Si n g l e   Pu l s e
R     =   4. 0 ° C/ W
   T     =   25° C
DS
 JC
C
GS
R 
   
   
  L
im
it
D S
(O
N
)
10
100
1
0. 01
0. 1
1
10
100
100
m
S
10
m
S
1m
S
10
0u
S
Ma x i m u m   Sa f e   Op e r a t i n g   Ar e a
1 000
10
uS
Q   ‐ Gate Charge( nC )
0
0
2
4
g
10
20
I   = 12A
6
8
10
D
30
40
80V
V     = 50V
DS
Gate Charge Characteristics
V   ‐ Drain‐Source Voltage( V )
800
0
0
400
DS
20
Crss
Coss
1200
2000
Ciss
40
60
80
GS
f  =  1M Hz
V    = 0 V
Capacitance Characteristics
100
200
600
1000
1800
1600
1400
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
single pulse
D=0.5
0.2
0.1
0.05
0.02
0.01
t2
t1
PDM
※Note :
  1. RθJC(t)=4.0°C/W Max.
  2. Duty Cycle, D=t1/ t2
  3. TJM ‐ TC=PDM*RθJC(t)
Transient Thermal Response Curve
t1,Time( sec )
10
‐2
10
0
‐1
10
10
1
0
10
10
‐1
‐2
10
10
‐3
‐4
10
10
‐5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com