Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMBA3P03JS Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EMBA3P03JS
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMBA3P03JS Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EMBA3P03JS Datasheet HTML 1Page - Excelliance MOS Corp. EMBA3P03JS Datasheet HTML 2Page - Excelliance MOS Corp. EMBA3P03JS Datasheet HTML 3Page - Excelliance MOS Corp. EMBA3P03JS Datasheet HTML 4Page - Excelliance MOS Corp. EMBA3P03JS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
 
2015/7/15 
p.3 
EMBA3P03JS
Normalized on‐Resistance v.s. Junction Temperature
T   ‐ Junction Temperature ( °C )
50
1.2
0.6
‐50
0.8
1.0
J
‐25
0
25
D
I   = ‐2.7A
V   = ‐10V
1.4
1.6
1.8
GS
150
100
75
125
Body Diode Forward Voltage Variation
with Source Current and Temperature
T  = 125°C
‐V   ‐ Body Diode Forward Voltage( V )
0.6
0.0001
0
0.001
0.01
SD
0.2
0.4
25°C
V   = 0V
0.1
1
10
GS
A
0.8
1.0
‐55°C
1.2
‐V   ‐ Drain‐Source Voltage( V )
0
0
3
1
DS
12
6
9
‐5V
‐4.5V
23
4
‐8V
‐7V
V   = ‐10V
GS
Typical output characteristics
5
‐ V   , Drain‐Source Voltage( V )
Capacitance Characteristics
300
0
0
100
200
Crss
DS
7.5
Coss
400
500
600
15
22.5
30
Ciss
f =1MHz
VGS=0 V
DS
V    = ‐10V
Q   ‐ Gate Charge( nC )
0
0
2
4
g
2
4
I   = ‐ 2.7A
6
8
10
D
8
6
10
‐ 15V
Gate Charge Characteristics
T   = 25°C
‐ V   ‐ Gate‐Source Voltage( V )
5
0.10
0.00
0
0.05
0.15
12
GS
34
A
0.20
0.20
0.25
0.30
A
T   = 125°C
7
68
9
10
I   = ‐ 2A
D
On‐Resistance Variation with Gate‐Source Voltage
 
TYPICAL CHARACTERISTICS 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com