Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1002CG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1002CG
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1002CG Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1002CG Datasheet HTML 1Page - STMicroelectronics STTH1002CG Datasheet HTML 2Page - STMicroelectronics STTH1002CG Datasheet HTML 3Page - STMicroelectronics STTH1002CG Datasheet HTML 4Page - STMicroelectronics STTH1002CG Datasheet HTML 5Page - STMicroelectronics STTH1002CG Datasheet HTML 6Page - STMicroelectronics STTH1002CG Datasheet HTML 7Page - STMicroelectronics STTH1002CG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
STTH1002C
March 2004 - Ed: 4
HIGH EFFICIENCY ULTRAFAST DIODE
®
Dual center tap rectifier suited for Switch Mode
Power Supplies and High frequency DC to DC
converters.
Packaged
in
DPAK,
D
2PAK,
TO-220AB,
TO220-FPAB and I
2PAK, this device is intended
for use in low voltage, high frequency inverters,
free wheeling and polarity protection applications.
DESCRIPTION
■
Suited for SMPS
■
Low losses
■
Low forward and reverse recovery times
■
Insulated package: TO-220FPAB
■
High junction temperature
■
Low leakage current
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
TO-220AB / TO-220FPAB / I
2PAK / D2PAK /
20
A
DPAK
10
IF(AV)
Average forward
current
δ =0.5
TO-220AB / I
2PAK
/D
2PAK / DPAK
Tc = 155°C
Per diode
5A
Tc = 150°C
Per device
10
Tc = 135°C
Per diode
8
Tc = 125°C
Per device
16
TO-220FPAB
Tc = 140°C
Per diode
5
Tc = 120°C
Per device
10
Tc = 110°C
Per diode
8
Tc = 75°C
Per device
16
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
50
A
Tstg
Storage temperature range
- 65 + 175
°C
Tj
Maximum operating junction temperature
175
°C
ABSOLUTE RATINGS (limiting values, per diode)
IF(AV)
Up to 2x8A
VRRM
200 V
Tj (max)
175 °C
VF (typ)
0.78 V
trr (typ)
20 ns
MAIN PRODUCT CHARACTERISTICS
A1
A2
K
A1
A2
K
I
2PAK
STTH1002CR
A1
A2
K
TO-220AB
STTH1002CT
A1
A2
K
K
D
2PAK
STTH1002CG
A1
A2
K
TO-220FPAB
STTH1002CFP
K
K
A1
A2
DPAK
STTH1002CB


Similar Part No. - STTH1002CG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1002CGY-TR STMICROELECTRONICS-STTH1002CGY-TR Datasheet
122Kb / 10P
Automotive high efficiency ultrafast diode
03-Nov-2011
More results

Similar Description - STTH1002CG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
BYT01-400 STMICROELECTRONICS-BYT01-400_01 Datasheet
47Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com