Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2913 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2913
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2913 Datasheet(HTML) 3 Page - Texas Instruments

  UCC2913 Datasheet HTML 1Page - Texas Instruments UCC2913 Datasheet HTML 2Page - Texas Instruments UCC2913 Datasheet HTML 3Page - Texas Instruments UCC2913 Datasheet HTML 4Page - Texas Instruments UCC2913 Datasheet HTML 5Page - Texas Instruments UCC2913 Datasheet HTML 6Page - Texas Instruments UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
3
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = –40°C to 85°C for UCC2913, TA = 0°C to 70°C for UCC3913, TJ = TA, IVDD = 2 mA, CT = 4.7 pF, TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
Minimum input current, VDD
1
2
mA
Regulator voltage
2 mA
≤ ISOURCE ≤ 10 mA
8.5
9.5
10.5
V
Undervoltage lockout off-voltage
6
7
8
V
FAULT TIMING
Overcurrent threshold voltage
TJ = 25 °C
47.5
50.0
53.0
mV
Overcurrent threshold voltage
Over temperature
46.0
50.0
53.5
mV
Overcurrent input bias
50
500
nA
VCT = 1.0 V,
IPL = 0 A
–22
–36
–50
µA
Timing capacitance charge current
Overload condition,
VSENSE – VIMAX = 300 mV
–0.7
–1.2
–1.7
mA
Timing capacitance discharge current
VCT = 1.0 V,
IPL = 0 A
0.6
1.0
1.5
µA
Timing capacitance fault threshold voltage
2.2
2.4
2.6
V
Timing capacitance reset threshold voltage
0.32
0.50
0.62
V
Output duty cycle
Fault condition,
IPL = 0 A
1.7%
2.7%
3.7%
OUTPUT
High le el o tp t oltage
IOUT = 0 A
8.5
10
High-level output voltage
IOUT = –1 A
6
8
Low level output voltage
IOUT = 0 A,
VSENSE – VIMAX = 100mV
0.01
V
Low-level output voltage
IOUT = 2 A,
VSENSE – VIMAX = 100mV
0.2
0.6
LINEAR AMPLIFIER
Sense control voltage
VIMAX = 100 mV
85
100
115
mV
Sense control voltage
VIMAX = 400 mV
370
400
430
mV
Input bias
50
500
nA
SHUTDOWN/FAULT
Shutdown threshold voltage
1.4
1.7
2.0
V
Input current
VSD/FLT = 5 V
15
25
45
µA
High-level output voltage
6.0
7.5
9.0
V
Low-level output voltage
0.01
V
Delay-to-output time
150
300
ns
POWER LIMITING
PL regulator voltage
IPL = 64 µA
4.35
4.85
5.35
V
Duty cycle control
IPL = 64 µA
0.6%
1.2%
1.7%
Duty cycle control
IPL = 1 mA
0.045%
0.1%
0.17%
OVERLOAD
Delay-to-output time
300
500
ns
Output sink current
VSENSE – VIMAX = 300mV
40
100
mA
Overload threshold voltage
Relataive to IIMAX
140
200
260
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com