Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5602B Datasheet(PDF) 21 Page - Billiton Ltd.

Part # TP5602B
Description  LIthIum-battery lIthIum-synchronous type 3 A lithium battery charge
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP5602B Datasheet(HTML) 21 Page - Billiton Ltd.

Back Button TP5602B Datasheet HTML 14Page - Billiton Ltd. TP5602B Datasheet HTML 15Page - Billiton Ltd. TP5602B Datasheet HTML 16Page - Billiton Ltd. TP5602B Datasheet HTML 17Page - Billiton Ltd. TP5602B Datasheet HTML 18Page - Billiton Ltd. TP5602B Datasheet HTML 19Page - Billiton Ltd. TP5602B Datasheet HTML 20Page - Billiton Ltd. TP5602B Datasheet HTML 21Page - Billiton Ltd. TP5602B Datasheet HTML 22Page - Billiton Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
南京拓微集成电路有限公司
NanJing Top Power ASIC Corp.
21
REV_2.1
封装描述
4mm*4mm
24 引脚 QFN 封装
Min
TYP
Max
A
0.70
0.75
0.80
A1
0.00
−
0.05
A3
b
0.20
0.25
0.30
D
3.90
4.00
4.10
E
3.90
4.00
4.10
D1
2.20
2.40
2.55
E1
2.20
2.40
2.55
e
K
0.20
L
0.30
0.40
0.50
Size
Symbol
Min
TYP
Max
0.203REF
0.50TYP
−
−
Size
Symbol
注:上述为芯片尺寸,建议 PCB 中 QFN24 的库文件引脚长度大于芯片长度,便于焊接。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com