Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZREF25Z02 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZREF25Z02
Description  PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZREF25Z02 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZREF25Z02 Datasheet HTML 1Page - Zetex Semiconductors ZREF25Z02 Datasheet HTML 2Page - Zetex Semiconductors ZREF25Z02 Datasheet HTML 3Page - Zetex Semiconductors ZREF25Z02 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VR
G
nd
DEVICE DESCRIPTION
The ZREF25 uses a bandgap circuit design to
achieve a precision micropower voltage
reference of 2.5 volts. The device is available
in a small outline surface mount package,
ideal for applications where space saving is
important as well as packages for through
hole requirements.
The ZREF25 design provides a stable voltage
without an external capacitor and is stable
with capacitive loads. The ZREF25 is
recommended for operation between 50
µA
and 5mA and so is ideally suited to low
power and battery powered applications.
Excellent performance is maintained to an
absolute maximum of 25mA, however the
rugged design and 20 volt processing allows
the reference to withstand transient effects
and currents up to 200mA. Superior
switching capability allows the device to
reach stable operating conditions in only a
few microseconds.
FEATURES
• Small outline SO8 and TO92 style
packages.
• No stabilising capacitor required
• Typical TC 30ppm/°C
• Typical slope resistance 0.4Ω
• 2% and 1% tolerance
• Industrial temperature range (Military
temperature range available on request)
• Operating current 50µA to 5mA
• Transient response, stableinlessthan 10µs
• Alternative package options and
tolerances are available
APPLICATIONS
• Battery powered and portable equipment.
• Metering and measurement systems.
• Instrumentation.
• Test equipment.
• Data acquisition systems.
• Precision power supplies.
PRECISION 2.5 VOLT MICROPOWER
VOLTAGE REFERENCE
ISSUE 2 - FEBRUARY 1998
ZREF25
SCHEMATIC DIAGRAM
4-271


Similar Part No. - ZREF25Z02

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZREF25Z02 DIODES-ZREF25Z02 Datasheet
75Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
More results

Similar Description - ZREF25Z02

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR25D ZETEX-ZR25D Datasheet
54Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250 Datasheet
128Kb / 5P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-25 ZETEX-ZR4040-25 Datasheet
66Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250_06 Datasheet
155Kb / 5P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-2.5 DIODES-ZR4040-2.5 Datasheet
90Kb / 5P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
Rev Package
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
MARCH 1998
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
ZR4040_2.5 DIODES-ZR4040_2.5 Datasheet
90Kb / 5P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
Rev Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com