Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZREF25Z Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZREF25Z
Description  PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZREF25Z Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZREF25Z Datasheet HTML 1Page - Zetex Semiconductors ZREF25Z Datasheet HTML 2Page - Zetex Semiconductors ZREF25Z Datasheet HTML 3Page - Zetex Semiconductors ZREF25Z Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZREF25
Transient Response (IR=150
µµA)
2.50
2.49
2.48
2.47
2.53
2.52
2.51
TYPICAL CHARACTERISTICS
Temperature (°C)
Reference Current (mA)
Frequency (kHz)
Temperature Drift
Slope Resistance v Current
Time (
µs)
01
2
-40
110
0.1
Slope Resistance v Frequency
-20
0
20
40
60
80
Forward Characteristics
Forward Current (mA)
0.1
1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
100
1000
IR =150
µA to 5mA
0
0.5
1.0
1
0.1
10
100
1000
10
100
1
0.1
0.01
34
0
10
0
1.0
2.0
3.0
0
10
0
1.0
2.0
3.0
0
0.1
0.2
0.3
0.4
Time (
µs)
INPUT
INPUT
IR=150
µA
IR=1mA
IR=5mA
TA=25°C
TA=-40°C
TA=85°C
50K
OUTPUT
OUTPUT
1K5
Transient Response (IR=5mA)
4-273



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com