Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3 Datasheet(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

Part # GS3
Description  AC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

GS3 Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  GS3 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. GS3 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YUAN DEAN SCIENTIFIC CO.,LTD
GS3 SERIES
Rev:2 2018/09/11
FEATURES:
Universal Input 85~305VAC
High Efficiency Up To 80%
Protection: Short Circuit / Over Load
Ultra small size
3 Years Warranty
ROHS Compliant
AC-DC Converter
GS3 SERIES
3Watt
3KVac Isolated
Single Output
Open Frame
Specifications typical at TA=25°C, nominal input voltage and
rated output current unless otherwise specified
Part Number
Output
Wattage
Output
Voltage
Output
Current
Efficiency
Max. Capacitive
Load
(W)
(VDC)
(mA)
(TYP %)
(μF)
GS3-S03(F)
1.65
3.3
500
67
800
GS3-S05(F)
2.5
5
500
68
800
GS3-S09(F)
3
9
333
75
600
GS3-S12(F)
3
12
250
77
470
GS3-S15(F)
3
15
200
78
470
GS3-S24(F)
3
24
125
80
120
YUAN DEAN SCIENTIFIC
Temperature Derating Graph
Ambient Temperature(℃)
100
80
60
40
0
-20
55
85
Nature Convection
-40
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Rated Input Voltage
Vo,Io nom
100~277
Vac
Voltage Range
Vo, Io nom
AC in
85
305
Vac
DC in
70
430
Vdc
Line frequency
Vi nom, Io nom
47
63
Hz
Input Current
Io nom
Vi:115VAC
0.10
A
Vi:230VAC
0.05
A
Inrush Current
Io nom
Vi:115VAC
10
A
Vi:230VAC
15
A
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Output Voltage
Accuracy
Vi nom, Io nom
±5
%
Minimum Load
Vi nom
0
%
Line Regulation
Io nom, Vi min…Vi max
±1.5
%
Load Regulation
5%~100% Load
±3.5
%
No Load
0.5
W
Ripple & Noise
Vi nom, Io nom,
BW=20MHz(3.3-5V)
50
150
mVp-p
Ripple & Noise
Vi nom, Io nom,
BW=20MHz(9-24V)
80
150
mVp-p
Protection
Over Load
Above 110% rated output power
Protection type: Recovers automatically after
fault condition is removed
Short circuit
Recovers automatically after fault condition is
removed
Note:
add suffix“F”for 90°bending Products. For example: GS3-S05F, GS3-S12F


Similar Part No. - GS3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS3-0.5 ETC2-GS3-0.5 Datasheet
43Kb / 3P
RING TONGUE TERMINAL Non-insulated DIN 46234
logo
JST Mfg. Co., Ltd.
GS3-0.5 JST-GS3-0.5 Datasheet
52Kb / 3P
RING TONGUE Non-insulated
logo
List of Unclassifed Man...
GS3-1 ETC2-GS3-1 Datasheet
43Kb / 3P
RING TONGUE TERMINAL Non-insulated DIN 46234
logo
JST Mfg. Co., Ltd.
GS3-1 JST-GS3-1 Datasheet
52Kb / 3P
RING TONGUE Non-insulated
logo
List of Unclassifed Man...
GS3-2.5 ETC2-GS3-2.5 Datasheet
43Kb / 3P
RING TONGUE TERMINAL Non-insulated DIN 46234
More results

Similar Description - GS3

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
AC/DC converter
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
ac-dc converter
logo
Rohm
BP5716 ROHM-BP5716 Datasheet
509Kb / 4P
AC/DC converter
BP5081B15 ROHM-BP5081B15 Datasheet
497Kb / 3P
AC/DC converter
logo
MORNSUN Science& Techno...
LH25-10B18 MORNSUN-LH25-10B18 Datasheet
253Kb / 2P
AC-DC CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
AC-DC / DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com