Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C66ATIPG Datasheet(PDF) 12 Page - Microchip Technology

Part # 93C66ATIPG
Description  4K Microwire Compatible Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C66ATIPG Datasheet(HTML) 12 Page - Microchip Technology

Back Button 93C66ATIPG Datasheet HTML 8Page - Microchip Technology 93C66ATIPG Datasheet HTML 9Page - Microchip Technology 93C66ATIPG Datasheet HTML 10Page - Microchip Technology 93C66ATIPG Datasheet HTML 11Page - Microchip Technology 93C66ATIPG Datasheet HTML 12Page - Microchip Technology 93C66ATIPG Datasheet HTML 13Page - Microchip Technology 93C66ATIPG Datasheet HTML 14Page - Microchip Technology 93C66ATIPG Datasheet HTML 15Page - Microchip Technology 93C66ATIPG Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
DS21795B-page 12
 2003 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend:
XX...X
Part number
T
Temperature
Blank
Commercial
I
Industrial
E
Extended
YY
Year code (last 2 digits of calendar year) except TSSOP
and MSOP which use only the last 1 digit
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
Custom marking available.
Example:
6-Lead SOT-23
8-Lead MSOP (150 mil)
Example:
XXXXXXT
YWWNNN
3L66BI
2281L7
XXNN
3EL7
XXXXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC
XXXXYYWW
XXXXXXXX
NNN
XXXX
TYWW
8-Lead TSSOP
NNN
I/P 1L7
93LC66B
0228
Example:
Example:
I/SN 0228
93LC66B
1L7
1L7
L66B
I228
Example:
MSOP 1st Line Marking Codes
Device
93AA66A
93AA66B
93AA66C
93LC66A
93LC66B
93LC66C
93C66A
93C66B
93C66C
std mark
3A66AT
3A66BT
3A66CT
3L66AT
3L66BT
3L66CT
3C66AT
3C66BT
3C66CT
Pb-free
mark
GA66AT
GA66BT
GA66CT
GL66AT
GL66BT
GL66CT
GC66AT
GC66BT
GC66CT
T = blank for commercial, “I” for Industrial,
“E” for Extended.
TSSOP 1st Line Marking Codes
Device
93AA66A
93AA66B
93AA66C
93LC66A
93LC66B
93LC66C
93C66A
93C66B
93C66C
std mark
A66A
A66B
A66C
L66A
L66B
L66C
C66A
C66B
C66C
Pb-free
mark
GACA
GACB
GACC
GLCA
GLCB
GLCC
GCCA
GCCB
GCCC
Temperature grade is marked on line 2.
SOT23 Marking Codes
Device
93AA66A
93AA66B
93LC66A
93LC66B
93C66A
93C66B
I-temp
3BNN
3LNN
3ENN
3PNN
3HNN
3TNN
E-temp
–
–
3FNN
3RNN
3JNN
3UNN
Pb-free topside mark is same; Pb-free
noted only on carton label.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com