Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC5299J Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TC5299J
Description  FAST ETHERNET PCMCIA LAN CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC5299J Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TC5299J Datasheet HTML 3Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 4Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 5Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 6Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 7Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 8Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 9Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 10Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TC5299J
-7-
Ver. 0.1
07/04/01
Power Supply Pins
Symbol
Pin #
I/O
Description
VCCAR
GNDAR
VCCA10
GNDA10
VCCAP
GNDAP
VCCDP
GNDDP
95
92
87
91
86
90
85
89
PWR
GND
Power input for internal circuit.
VCCAT
GNDAT
100
99
PWR,
GND
Power input for internal circuit.
VCC5A
101, 96, 63, 61
PWR
5V power input pin.
VCC5R
102, 62
PWR
5V power reference pin.
VCC3D,
GND3D
121, 112, 28, 64
6, 41, 75, 78,
108
PWR,
GND
3.3V power input pin, for digital core circuit.
VCC3IO
GND3IO
1, 25, 38, 60,
71, 81, 104,
113, 124
13, 20, 32, 44,
49, 56, 65, 68,
79, 106, 118,
128
PWR,
GND
3.3V power input pin, for I/O PAD.
JUMPER Interface Pins
Symbol
Pin #
I/O
Description
JMP0
107
I
When power on setting, this bit directly locked to CCR0, bit5.
0: enable I/O. For embedded system use to enable I/O mode.
1: disable I/O. For PCMCIA system use only.
Default setting is leaving this pin open.
JMP1
110
I
Power on setting:
0: separate address decode. Decode range from A0 to A5.
1: full address decode. Decode range from A0 to A9.
No Connection Pins
Symbol
Pin #
I/O
Description
NC
15, 103, 111, 33
No Connection
NC
97, 98, 93, 94,
83, 77, 84, 82,
80, 76, 88
No Connection. Reserved for future use for PHY is included in a
single chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com