Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC2021 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LC2021
Description  20 characters x 2 lines
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LC2021 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LC2021 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DD
0.4
--
3.0
DD
0.6
Max.
20 Characters x 2 Lines
Input Voltage
V
-0.3
+ 0.3
V
ELECTRICAL CHARACTERISTICS
V
LCD
LSI
KS0066
or Eqv.
Controller
LED Backlight
V
DB7
LEDA
LEDK
R/W
RS
DB0
E
LCD Driving Voltage
Supply Current
Output High Voltage
Output Low Voltage
Input High Voltage
BLOCK DIAGRAM
V
V
O
SS
DD
Storage Temp.
Operating Temp.
Input Low Voltage
Item
40 SEG
Segment driver
60 SEG
= 1.2mA
= - 0.2mA
( V
-30
-20
OL
VIOL
V
16 COM
- V
DD
I DD
O
Ta=25

= 5.0V
DD
C
I
Symbol
V
V
OH
IL
VIH
stg
opr
T
I
T
--
--
Condition
Test
OH
0
--
LCD PANEL
--
--
4.6
1.5
=5V
â0.25V )
2.2
2.4
- 0.3
Min.
DD
--
--
--
Typ.
V
V
80
70
DD
ABSOLUTE MAXIMUM RATINGS
Supply Voltage(LCD)
Supply Voltage(Logic)
Item
LC2021
-0.3
-0.3
Min.
Symbol
DD
DD
V
V- V
- V
O
SS
13.0
7.0
Max.
20 characters x 2 lines
Character Size ( W x H )
V
3.2 x 5.55
mm
LED BACKLIGHT SPECIFICATIONS (Ta=25

Approx. 42 / 56
0.6 x 0.65
H : Read
H : Data
L : Instruction code
Power supply for logic
Enable signal
L : Write
In 8-bit bus mode, used as low
order bidirectional data bus.
In 4-bit bus mode, open these
pins.
Operating voltage for LCD
GND
In 8-bit bus mode, used as high
order bidirectional data bus.
In 4-bit bus mode, used as both
high and low order data bus.
Power supply for LED backlight
DB6
Forward Voltage
Emission Wave Length
Forward Current
LEDA
LEDK
DB7
Item
15
16
13
14
f
I
λp
+5V
0V
H/L
H/L
Symbol
Vf
Weight (Reflective/LED)
Dot Size ( W x H )
PIN CONNECTIONS
Symbol
DD
O
RS
R/W
DB0
DB2
DB3
DB1
SS
DB5
DB4
V
4
mA
V
7
10
12
11
8
9
5
6
E
V
V
V
Unit


C
C
2
3
Pin
1
V
V
V
_
>L
H/L
H/L
H/L
H/L
H/L
H/L
H/L
H,H
H/L
Level
+5V
0V
--
V
nm
mA
Unit
210
--
568
--
4.1
Typ.
Max.
4.3
C)
mm
Function
g
116.0 x 37.0 x 10.0/13.5
Nominal Dimensions
83.0 x 18.6
MECHANICAL DATA
Viewing Area ( W x H )
Module Size ( W x H x T )
Item
V
Unit
V
mm
mm
Unit


Similar Part No. - LC2021

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC20 MICROSEMI-LC20 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
LC20 MICROSEMI-LC20 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC20 MICROSEMI-LC20 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC20 NJSEMI-LC20 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Pepperl+Fuchs Inc.
LC20-1-DR230VAC PF-LC20-1-DR230VAC Datasheet
1Mb / 7P
Loop detector
More results

Similar Description - LC2021

ManufacturerPart #DatasheetDescription
logo
Rohm
RCM2072R ROHM-RCM2072R Datasheet
177Kb / 9P
20 characters X 2 lines COG module
logo
List of Unclassifed Man...
DV20400 ETC-DV20400 Datasheet
959Kb / 1P
20 characters x 4 lines
SC2002F ETC-SC2002F Datasheet
63Kb / 1P
20 CHARACTERS x 2 LINES
SC2004A ETC-SC2004A Datasheet
105Kb / 1P
20 CHARACTERS x 4 LINES
LC1623 ETC-LC1623 Datasheet
34Kb / 1P
16 characters x 2 lines
LC1622 ETC-LC1622 Datasheet
29Kb / 1P
16 characters x 2 lines
SC2002D ETC-SC2002D Datasheet
87Kb / 1P
LCD MODULE 20 CHARACTERS X 2 LINES
logo
Rohm
RCM2234R ROHM-RCM2234R Datasheet
122Kb / 9P
20 characters x 2 lines COG module
logo
List of Unclassifed Man...
DV-20410 ETC1-DV-20410 Datasheet
598Kb / 1P
20 characters x 4 lines
logo
Hantronix,Inc
HDM24216H-2 HANTRONIX-HDM24216H-2 Datasheet
29Kb / 1P
24 Characters x 2 Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com