Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C84A-2GS Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM82C84A-2GS
Description  CLOCK GENERATOR AND DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C84A-2GS Datasheet(HTML) 3 Page - OKI electronic componets

  MSM82C84A-2GS Datasheet HTML 1Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 2Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 3Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 4Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 5Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 6Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 7Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 8Page - OKI electronic componets MSM82C84A-2GS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/18
¡ Semiconductor
MSM82C84A-2RS/GS/JS
ABSOLUTE MAXIMUM RATINGS
–55 to +150
MSM82C84A-2RS/JS
Supply Voltage
VCC
–0.5 to +7
V
Input Voltage
VIN
–0.5 to VCC +0.5
V
Output Voltage
VOUT
–0.5 to VCC +0.5
V
Storage Temperature
TSTG
°C
Power Dissipation
PD
W
Parameter
Unit
Symbol
Respect
to GND
—
Ta = 25°C
Condition
Rating
MSM82C84A-2GS
0.7
0.8
OPERATING RANGES
Range
Supply Voltage
VCC
3 to 6
V
Operating Temperature
Top
–40 to +85
°C
Parameter
Unit
Symbol
RECOMMENDED OPERATING CONDITIONS
DC CHARACTERISTICS
Max.
"L" Level Output Voltage (CLK)
V OL
0.4
V
"H" Output Voltage (CLK)
VOL
0.4
V
Parameter
Unit
Symbol
Min.
—
—
VCC –0.4
IOL = 4 mA
IOL = 2.5 mA
IOH = –4 mA
Condition
"H" Output Voltage (Others)
VOH
—
V
VCC –0.4
IOH = –1 mA
RES Input Hysteresis
VIHR
-VILR
—
V
0.2*VCC
Input Leak Current
(Except ASYNC)
ILI
+1
mA
–1
0 £ VIN £ VCC
Input Current (ASYNC)
ILIA
+10
mA
–100
0 £ VIN £ VCC
Standby Supply Current
ICCS
40
mA
—
Note 1
Input Capacitance
CIN
7
pF
f =1 MHz
—
"L" Level Output Voltage (Others)
Operating Supply Current
—
VOH
—V
ICC
16
mA
f = 24 MHz, CL= O PF
(VCC = 5 V ± 10%, Ta = –40 to 85°C)
Note:
1. X1
≥ VCC – 0.2 V, X2 £ 0.2 V
F/C
≥ VCC – 0.2 V, ASYNC = VCC or open
VIH
≥ VCC – 0.2 V, VIL £ 0.2 V
Typ.
Supply Voltage
VCC
5V
Top
+25
"L" Level Input Voltage
VIL
VIH
—
"H" Level Input Voltage (except RES)
—
Min.
4.5
–40
–0.5
2.2
Max.
5.5
+85
+0.8
VCC +0.5
Parameter
Unit
Symbol
°C
V
V
0.6*VCC
Operating Temperature
"H" Level Input Voltage (RES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com