Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFN Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CFN
Description  Metal Foil, Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CFN Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CFN Datasheet HTML 1Page - Bourns Electronic Solutions CFN Datasheet HTML 2Page - Bourns Electronic Solutions CFN Datasheet HTML 3Page - Bourns Electronic Solutions CFN Datasheet HTML 4Page - Bourns Electronic Solutions CFN Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CFN Series Metal Foil, Current Sensing Chip Resistor
Construction
Ni / Sn PLATING
METAL ALLOY PLATE
OVER-
COATING
Code
Resistance Value (milliohms
R005
5
R010
10
R020
20
Popular Resistance Values*
Marking
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
*Please consult factory for other resistance values
W
L
D
t
CFN0805
2.00 ± 0.20
(.079 ± .008)
1.25 ± 0.20
(.049 ± .008)
0.40 ± 0.20
(.016 ± .008)
0.70 ± 0.20
(.028 ± .008)
CFN1206
3.20 ± 0.20
(.126 ± .008)
1.60 ± 0.20
(.063 ±. 008)
0.50 ± 0.20
(.020 ± .008)
0.70 ± 0.20
(.028 ± .008)
L
C
C
T
W
DIMENSIONS:
MM
(INCHES)
Product Dimensions
A
L
B
CFN0805
6 ≤ R < 10
1.40
(.055)
3.20
(.126)
0.80
(.031)
10 ≤ R ≤ 30
1.20
(.047)
CFN1206
6 ≤ R < 10
1.80
(.071)
4.70
(.185)
1.20
(.047)
10 ≤ R < 20
1.80
(.071)
20 ≤ R ≤ 40
2.20
(.087)
Recommended Solder Pad Dimensions
L
Cu Trace
B
A
Sensing Trace
DIMENSIONS:
MM
(INCHES)
RESISTANCE CODE:
005 = 5 m
010 = 10 m
020 = 20 m



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com