Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFN0805-FX-R005ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CFN0805-FX-R005ELF
Description  Metal Foil, Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CFN0805-FX-R005ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CFN0805-FX-R005ELF Datasheet HTML 1Page - Bourns Electronic Solutions CFN0805-FX-R005ELF Datasheet HTML 2Page - Bourns Electronic Solutions CFN0805-FX-R005ELF Datasheet HTML 3Page - Bourns Electronic Solutions CFN0805-FX-R005ELF Datasheet HTML 4Page - Bourns Electronic Solutions CFN0805-FX-R005ELF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
Metalfoil
n
Highpowerdensity
n
Highreliabilityandstability
n
RoHScompliant*andhalogenfree**
Applications
n
Currentsensing
n
Powersupplies
n
Steppermotordrives
n
Inputamplifiers
CFN Series Metal Foil, Current Sense Resistor
Electrical Characteristics
Characteristic
CFN0805
CFN1206
Power Rating @ 70 °C
0.5 W
1 W
Resistance Value
5 mΩ, 10 mΩ, 20 mΩ
Operation Temperature Range
-55 ℃ ~ +155 ℃
Temperature Coefficient of Resistance
±100 ppm/°C
Tolerance
±1 %, ±5 %
Reliability Tests
Test Items
Condition of Test
∆R Maximum
Load Life
1000 hours at rated power, 70 ℃,
1.5 hours “ON”, 0.5 hour “OFF”
< ±1 %
Short Time Overload
5 X rated power for 5 s
< ±1 %
Moisture no Load
85 ℃, 85 %RH, 1000 hrs
< ±1 %
Temperature Cycle
-55 ℃ & +155 ℃, 100 cycle,
15 min per extreme condition
< ±1 %
Resistance to Soldering Heat
260 ±5 ℃ for 10 ±1 sec
< ±0.5 %
Solderability
245 ±5 ℃, 2 ±0.5 sec
At least 95 % of surface area of electrode shall
be covered with new solder
High Temperature Exposure
155 ℃, 1000 hrs
< ±1 %
Low Temperature Storage
-55 ℃, 1000 hrs
< ±1 %
Substrate Bending
Bending width 2 mm
< ±0.5 %
Insulation Resistance
100 V DC for 1 minute
>100 MΩ
Derating Curve
100
-55
70
155
Ambient Temperature (°C)
* RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)
andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov
Environmental Characteristics
Storage Conditions
Temperature ....................................................................................... +5 °C ~ +35 °C
Humidity .................................................................................................40 % ~ 75 %
Shelf Life.......................................................................2 years from manufacturing date
Solder Recommendations..........................................................................Reflow profile
(Solder: Sn96.5 / Ag3 / Cu0.5)
Moisture Sensitivity Level...............................................................................................1


Similar Part No. - CFN0805-FX-R005ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CFN0805-FX-R005ELF BOURNS-CFN0805-FX-R005ELF Datasheet
604Kb / 6P
CFN Series Metal Foil, Current Sense Resistor
More results

Similar Description - CFN0805-FX-R005ELF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
Metal Element Current Sense Resistor
logo
Ohmite Mfg. Co.
FCSL64R005JER OHMITE-FCSL64R005JER Datasheet
184Kb / 1P
Metal Foil Current Sense
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
METAL FOIL CURRENT SENSE RESISTORS
logo
KOA Speer Electronics, ...
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
Metal plate current sense resistor
logo
Ohmite Mfg. Co.
FCSL64R002GER OHMITE-FCSL64R002GER Datasheet
241Kb / 3P
Metal Foil Current Sense
FCSL OHMITE-FCSL Datasheet
526Kb / 2P
Metal Foil Current Sense
FCSL OHMITE-FCSL_18 Datasheet
581Kb / 2P
Metal Foil Current Sense
logo
Bourns Electronic Solut...
CFG BOURNS-CFG Datasheet
580Kb / 5P
Metal Foil, Wide Terminal Current Sense Resistor
CFG0612 BOURNS-CFG0612 Datasheet
580Kb / 5P
CFG Series Metal Foil, Wide Terminal Current Sense Resistor
CFN0402 BOURNS-CFN0402 Datasheet
604Kb / 6P
CFN Series Metal Foil, Current Sense Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com