Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC85AAA Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SC85AAA
Description  Breaker (Surface Mount Thermal Cutoff Device)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SC85AAA Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SC85AAA Datasheet HTML 1Page - Bourns Electronic Solutions SC85AAA Datasheet HTML 2Page - Bourns Electronic Solutions SC85AAA Datasheet HTML 3Page - Bourns Electronic Solutions SC85AAA Datasheet HTML 4Page - Bourns Electronic Solutions SC85AAA Datasheet HTML 5Page - Bourns Electronic Solutions SC85AAA Datasheet HTML 6Page - Bourns Electronic Solutions SC85AAA Datasheet HTML 7Page - Bourns Electronic Solutions SC85AAA Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
SC Series Breaker (Surface Mount Thermal Cutoff Device)
Surface Mount Recommendations
TheModelSCSeriesbreakerisdesignedforreflowandhandsoldering.Itisnotdesignedorwarrantedforflowsoldering.Thefollowing
conditions must be adhered to:
ReflowSoldering:
Therecommendedreflowsoldering
conditions are as follows:
150 ~ 180 °C ............... 100 ~ 150 seconds
≤220°C........................ 20 ~ 40 seconds
255 ~ 260 °C ............... 5 ~ 10 seconds
Processbreakerinareflowfurnaceusing
theprofileshownabovethreetimes,
followed by positioning the breaker in
ambient temperature of +25 °C for 8 hours.
Time (Seconds)
0
30
60
90
120
150
180
210
240
270
060
120
180
240
300
360
TEMPERATURE
150 ~ 180 °C
≤220 °C
245 °C
_ TIME
100 ~ 150 Seconds
20 ~ 40 Seconds
Peak
.....
.....
.....
Do not expose the breaker to temperatures exceeding +260 °C.
Recommended Reflow Profile
Recommended Land Pattern
Recommended Mask Thickness: 0.12 mm / (.005 in.)
Recommended Solder Particle Size: 30 µm
Mounting Cautions
Inordertoprotectthehousingandmechanicalpartsinsidefromdeformation,preventexcessiveloadatthetimeofpartabsorption/part
deployment and mounting. A part absorption nozzle more than 2 mm in diameter with a 3 N (5 N max.) mounting load is recommended. Any
shocktotheproductbythenozzleduringthemountingproceduremayhaveanegativeimpactonthefunctionofthebreaker.
DIMENSIONS:
MM
(INCHES)
4.7
(.185)
4.4 +0.25/-0.05
(.173 +.010/-.002)
ARM
TERMINAL
BASE
TERMINAL
COVER
BIMETAL
DISC
ARM
COVER PLATE
BASE
CONTACT
PTC
2.8
(.110)
0.125
(.005)
R
4 PLCS.
4 PLCS.
1.07 ± 0.05
(.042 ± .002) SCxxAAA
0.94 ± 0.05
(.037 ± .002) SCxxAAB
0.08
(.003)
1.71
(.067)
1.71
(.067)
0.5
(.020)
1.54
(.061)
1.49
(.059)
BASE
TERMINALS
ARM
TERMINALS
3.42
(.135)
2.3
(.091)
0.7
(.028)
BASE
TERMINALS
ARM
TERMINALS
0.7
(.028)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com