Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP405ACEZ-R0 Datasheet(PDF) 8 Page - TDK Electronics

Part # INMP405ACEZ-R0
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP405ACEZ-R0 Datasheet(HTML) 8 Page - TDK Electronics

Back Button INMP405ACEZ-R0 Datasheet HTML 4Page - TDK Electronics INMP405ACEZ-R0 Datasheet HTML 5Page - TDK Electronics INMP405ACEZ-R0 Datasheet HTML 6Page - TDK Electronics INMP405ACEZ-R0 Datasheet HTML 7Page - TDK Electronics INMP405ACEZ-R0 Datasheet HTML 8Page - TDK Electronics INMP405ACEZ-R0 Datasheet HTML 9Page - TDK Electronics INMP405ACEZ-R0 Datasheet HTML 10Page - TDK Electronics INMP405ACEZ-R0 Datasheet HTML 11Page - TDK Electronics INMP405ACEZ-R0 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
INMP405
APPLICATIONS INFORMATION
CONNECTING TO AUDIO CODECS
The INMP405 output can be connected to a dedicated codec microphone input (see Figure 6) or to a high input impedance gain
stage (see Figure 7.) A 0.1 µF ceramic capacitor placed close to the INMP405 supply pin is used for testing and is recommended to
adequately decouple the microphone from noise on the power supply. A DC-blocking capacitor is required at the output of the
microphone. This capacitor creates a high-pass filter with a corner frequency at
fC = 1/(2π × C × R)
where R is the input impedance of the codec.
A minimum value of 2.2 µF is recommended in Figure 6 because the input impedance of codecs can be as low as 2 kΩ at its highest
PGA gain setting, which results in a high-pass filter corner frequency at about 37 Hz. Figure 7 shows the INMP405 connected to an op
amp configured as a non-inverting preamplifier.
Figure 6. INMP405 Connected to a Codec
Figure 7. INMP405 Connected to an Op Amp
GAIN = (R1 + R2)/R1
INMP405
GND
OUTPUT
1µF
MINIMUM
0.1µF
10k
Ω
R1
R2
VDD
VREF
VOUT
VREF
AMP
1.8-3.3 V
ADC
OR
CODEC
INMP405
GND
OUTPUT
INPUT
MICBIAS
2.2 µF
MINIMUM
0.1 µF
VDD
Page 8 of 13
Document Number: DS-INMP405-00
Revision: 1.0.
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com