Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP405ACEZ-R7 Datasheet(PDF) 4 Page - TDK Electronics

Part # INMP405ACEZ-R7
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP405ACEZ-R7 Datasheet(HTML) 4 Page - TDK Electronics

  INMP405ACEZ-R7 Datasheet HTML 1Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 2Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 3Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 4Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 5Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 6Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 7Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 8Page - TDK Electronics INMP405ACEZ-R7 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
INMP405
ABSOLUTE MAXIMUM RATINGS
Stress above those listed as Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these conditions is not implied. Exposure to the absolute maximum ratings conditions for
extended periods may affect device reliability.
TABLE 2. ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
Supply Voltage (VDD)
−0.3 V to +3.6 V
Sound Pressure Level (SPL)
160 dB
Mechanical Shock
10,000 g
Vibration
Per MIL-STD-883 Method 2007, Test Condition B
Temperature Range
−40°C to +85°C
ESD CAUTION
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can
discharge without detection. Although this
product features patented or proprietary
protection circuitry, damage may occur on
devices subjected to high energy ESD.
Therefore proper ESD precautions should be
taken to avoid performance degradation or
loss of functionality.
Page 4 of 13
Document Number: DS-INMP405-00
Revision: 1.0.
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com