Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP521 Datasheet(PDF) 13 Page - TDK Electronics

Part # INMP521
Description  Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP521 Datasheet(HTML) 13 Page - TDK Electronics

Back Button INMP521 Datasheet HTML 9Page - TDK Electronics INMP521 Datasheet HTML 10Page - TDK Electronics INMP521 Datasheet HTML 11Page - TDK Electronics INMP521 Datasheet HTML 12Page - TDK Electronics INMP521 Datasheet HTML 13Page - TDK Electronics INMP521 Datasheet HTML 14Page - TDK Electronics INMP521 Datasheet HTML 15Page - TDK Electronics INMP521 Datasheet HTML 16Page - TDK Electronics INMP521 Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
INMP521
Figure 12. Stereo PDM Microphone Connection to Codec
Decouple the VDD pin of the INMP521 to GND with a 0.1 µF capacitor. Place this capacitor as close to VDD as the printed circuit
board (PCB) layout allows.
Do not use a pull-up or pull-down resistor on the PDM data signal line because the resistor can pull the signal to an incorrect state
during the period that the signal line is tristated.
CLOCK OUTPUT
CODEC
0.1µF
1.8V TO 3.3V
GND
L/R SELECT DATA
INMP521
CLK
VDD
DATA INPUT
0.1µF
1.8V TO 3.3V
GND
L/R SELECT DATA
INMP521
CLK
VDD
Page 13 of 20
Document Number: DS-INMP521-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com