Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP621ACEZ-R0 Datasheet(PDF) 10 Page - TDK Electronics

Part # INMP621ACEZ-R0
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP621ACEZ-R0 Datasheet(HTML) 10 Page - TDK Electronics

Back Button INMP621ACEZ-R0 Datasheet HTML 6Page - TDK Electronics INMP621ACEZ-R0 Datasheet HTML 7Page - TDK Electronics INMP621ACEZ-R0 Datasheet HTML 8Page - TDK Electronics INMP621ACEZ-R0 Datasheet HTML 9Page - TDK Electronics INMP621ACEZ-R0 Datasheet HTML 10Page - TDK Electronics INMP621ACEZ-R0 Datasheet HTML 11Page - TDK Electronics INMP621ACEZ-R0 Datasheet HTML 12Page - TDK Electronics INMP621ACEZ-R0 Datasheet HTML 13Page - TDK Electronics INMP621ACEZ-R0 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
INMP621
THEORY OF OPERATION
PDM DATA FORMAT
The output from the DATA pin of the INMP621 is in pulse density modulated (PDM) format. This data is the 1-bit output of a fourth-
order Σ-Δ modulator. The data is encoded so that the left channel is clocked on the falling edge of CLK, and the right channel is clocked
on the rising edge of CLK. After driving the DATA signal high or low in the appropriate half frame of the CLK signal, the DATA driver of
the microphone tristates. In this way, two microphones, one set to the left channel and the other to the right, can drive a single DATA
line. See Figure 1 for a timing diagram of the PDM data format; the DATA1 and DATA2 lines shown in this figure are two halves of the
single physical DATA signal. Figure 10 shows a diagram of the two stereo channels sharing a common DATA line.
Figure 10. Stereo PDM Format
If only one microphone is connected to the DATA signal, the output is only clocked on a single edge (Figure 11). For example, a left
channel microphone is never clocked on the rising edge of CLK. In a single microphone application, each bit of the DATA signal is
typically held for the full CLK period until the next transition because the leakage of the DATA line is not enough to discharge the line
while the driver is tristated.
Figure 11. Mono PDM Format
See Table 6 for the channel assignments according to the logic level on the L/R SELECT pin.
TABLE 6. INMP621 CHANNEL SETTING
DATA2 (L)
DATA2 (L)
DATA1 (R)
DATA1 (R)
CLK
DATA
DATA1 (R)
DATA1 (R)
DATA1 (R)
CLK
DATA
L/R SELECT Pin Setting
Channel
Low (tie to GND)
Right (DATA1)
High (tie to VDD)
Left (DATA2)
Page 10 of 20
Document Number: DS-INMP621-00
Revision: 1.0.
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com