Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP621ACEZ-R7 Datasheet(PDF) 11 Page - TDK Electronics

Part # INMP621ACEZ-R7
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP621ACEZ-R7 Datasheet(HTML) 11 Page - TDK Electronics

Back Button INMP621ACEZ-R7 Datasheet HTML 7Page - TDK Electronics INMP621ACEZ-R7 Datasheet HTML 8Page - TDK Electronics INMP621ACEZ-R7 Datasheet HTML 9Page - TDK Electronics INMP621ACEZ-R7 Datasheet HTML 10Page - TDK Electronics INMP621ACEZ-R7 Datasheet HTML 11Page - TDK Electronics INMP621ACEZ-R7 Datasheet HTML 12Page - TDK Electronics INMP621ACEZ-R7 Datasheet HTML 13Page - TDK Electronics INMP621ACEZ-R7 Datasheet HTML 14Page - TDK Electronics INMP621ACEZ-R7 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
INMP621
For PDM data, the density of the pulses indicates the signal amplitude. A high density of high pulses indicates a signal near positive
full scale, and a high density of low pulses indicates a signal near negative full scale. A perfect zero (DC) audio signal shows an
alternating pattern of high and low pulses.
The output PDM data signal has a small DC offset of about 3% of full scale. A high-pass filter in the codec that is connected to the digital
microphone and does not affect the performance of the microphone typically removes this DC signal.
PDM MICROPHONE SENSITIVITY
The sensitivity of a PDM output microphone is specified with the unit dBFS (decibels relative to digital full scale). A 0 dBFS sine wave
is defined as a signal whose peak just touches the full-scale code of the digital word (see Figure 12). This measurement convention also
means that signals with a different crest factor may have an RMS level higher than 0 dBFS. For example, a full-scale square wave has an
RMS level of 3 dBFS.
This definition of a 0 dBFS signal must be understood when measuring the sensitivity of the INMP621. A 1 kHz sine wave at a
94 dB SPL acoustic input to the INMP621 results in an output signal with a −46 dBFS level. The output digital word peaks at
−46 dB below the digital full-scale level. A common misunderstanding is that the output has an RMS level of −49 dBFS; however, this is
not true because of the definition of the 0 dBFS sine wave.
Figure 12. 1 kHz, 0 dBFS Sine Wave
There is not a commonly accepted unit of measurement to express the instantaneous level, as opposed to the RMS level of the
signal, of a digital signal output from the microphone. Some measurement systems express the instantaneous level of an individual
sample in units of D, where 1.0 D is digital full scale. In this case, a −46 dBFS sine wave has peaks at 0.005 D.
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
0.9
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
TIME (ms)
Page 11 of 20
Document Number: DS-INMP621-00
Revision: 1.0
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com