Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF5533DP Datasheet(PDF) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF5533DP
Description  Less than 75mW Standby Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF5533DP Datasheet(HTML) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF5533DP Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF5533DP Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©SiFirst Technology
- 2 -
Confidential
SiFirst_DS_5533_V1.0
GND
FB
1
2
3
6
5
4
CT
GATE
VDD
CS
SOT23-6
GATE
VDD
1
2
3
NC
GND
FB
NC
DIP8
4
8
7
6
5
CS
CT
Ordering Information
Part Number
Top Mark
Package
Tape & Reel
SF5533LGT
33YWW
SOT26
Green
Yes
SF5533DP
SF5533DP
DIP8
RoHS
Marking Information
3 3 Y W W
Dot: Pin1 Mark
33:Part number SF5533
YWW: Year&Week Code
S F 5 5 3 3 D P
Y WW
YWW: Year&Week code



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com