Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS7802DF Datasheet(PDF) 4 Page - Will Semiconductor Ltd.

Part # WS7802DF
Description  0.1GHz ??3GHz SPDT Antenna Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WS7802DF Datasheet(HTML) 4 Page - Will Semiconductor Ltd.

  WS7802DF Datasheet HTML 1Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 2Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 3Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 4Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 5Page - Will Semiconductor Ltd. WS7802DF Datasheet HTML 6Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WS7802DF
Will Semiconductor Ltd.
4
2019_V1.2
Characteristics (RF spec)
Normal test condition unless otherwise stated. All unused ports are 50Ω terminated.
VDD=2.8V, Temp=+25°C.PIN=0dBm.
Parameters
Conditions
Specifications
Unit
Min.
Typ.
Max.
Insertion Loss
(RF1/RF2)
0.1GHz to 1.0GHz
1.0GHz to 2.0GHz
2.0GHz to 2.7GHz
0.25
0.27
0.30
dB
Isolation
(ANT to RF1/RF2)
0.1GHz to 1.0GHz
1.0GHz to 2.0GHz
2.0GHz to 2.7GHz
34
29
25
dB
Input Return Loss
(ANT to RF1/RF2)
0.1GHz to 1.0GHz
1.0GHz to 2.0GHz
2.0GHz to 2.7GHz
27
21
20
dB
Second Harmonics
(RF1/RF2)
0.7GHz to 1.0GHz, PIN=+25dBm
1.0GHz to 2.0GHz, PIN=+25dBm
2.0GHz to 2.7GHz, PIN=+25dBm
101
dBc
Third Harmonics
(RF1/RF2)
0.7GHz to 1.0GHz, PIN=+25dBm
1.0GHz to 2.0GHz, PIN=+25dBm
2.0GHz to 2.7GHz, PIN=+25dBm
94
dBc
0.1dB Compression Point
(RF1/RF2)
0.7GHz to 2.7GHz
33
dBm
Turn-On Switching Time
50% of final control voltage to 90% of final
RF power, switching between RF ports
1.2
3
μs
Truth Table for Operation
Mode
V1
RF1
0
RF2
1
Note2: Any state other than that described in this table places the switch into an undefined state. An undefined state will not damage the
device, but not recommended for customers.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com