Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGC-1/8-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # AGC-1/8-R
Description  1/4??x 1 1????Fast-acting glass tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

AGC-1/8-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  AGC-1/8-R Datasheet HTML 1Page - Eaton All Rights Reserved. AGC-1/8-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2543
Effective May 2017
Supersedes November 2016
Product features
Agency information
• UL Listed Card: AGC 1⁄20-10
• UL Recognition Card: AGC 11-40
• CSA Component Acceptance Card (Class No. 1422 30)
• CSA Certification Card (Class No. 1422 01)
Ordering
•
Specify packaging code prefix, part number and
option code suffix (if applicable)
AGC
1/4” x 1 1⁄4” Fast-acting glass tube fuses
•
Fast-acting
•
Optional axial leads available
•
1⁄4” x 1 1⁄4” (6.3 x 32mm) physical size
•
Glass tube, nickel-plated brass endcap construction
•
UL Listed product meets standard 248-14
Environmental data
•
Shock: 1⁄20 - 3⁄4A – MIL-STD-202, Method 213, Test Condition I;
1 - 30A –MIL-STD-202, Method 207, (HI Shock)
•
Vibration: 1⁄20 - 30A – MIL-STD-202,Method 204, Test Condition
A (Except 5g, 500Hz)
SPECIFICATIONS
AC Voltage
AC Interrupting Rating (amps) Typical DC Cold
Typical Melting
Typical Voltage
2 †
Part Number
Rating
250
125
32
Resistance* ()
I t AC
Drop
‡
AGC- 1⁄20-R
250
35
10,000
—
4.500
0.00773
0.67
AGC- 1⁄10-R
250
35
10,000
—
12.565
0.000787
6.00
AGC- 1⁄8-R
250
35
10,000
—
6.800
0.00131
4.67
AGC- 3⁄16-R
250
35
10,000
—
4.900
0.00637
4.12
AGC- 2⁄10-R
250
35
10,000
—
3.360
0.00435
4.51
AGC- 1⁄4-R
250
35
10,000
—
2.300
0.0148
0.89
AGC- 3⁄10-R
250
35
10,000
—
1.670
0.0208
2.88
AGC- 3⁄8-R
250
35
10,000
—
1.203
0.0321
4.59
AGC- 1⁄2-R
250
35
10,000
—
0.615
0.269
0.59
AGC- 3⁄4-R
250
35
10,000
—
0.312
0.815
0.37
AGC-1-R
250
35
10,000
—
0.190
1.615
0.31
AGC-1- 1⁄4-R
250
100
10,000
—
0.145
0.018
0.35
AGC-1- 1⁄2-R
250
100
10,000
—
0.115
0.0149
0.27
AGC-2-R
250
100
10,000
—
0.078
0.00509
0.28
AGC-2- 1⁄4-R
250
100
10,000
—
0.067
0.00588
0.26
AGC-2- 1⁄2-R
250
100
10,000
—
0.057
0.00879
0.31
AGC-3-R
250
100
10,000
—
0.045
0.0167
0.25
AGC-4-R
250
200
10,000
—
0.030
0.0305
0.22
AGC-5-R
250
200
10,000
—
0.024
0.045
0.23
AGC-6-R
250
200
10,000
—
0.020
0.071
0.23
AGC-7-R
250
200
10,000
—
0.017
0.105
0.23
AGC-7- 1⁄2-R
250
200
10,000
—
0.0146
—
—
AGC-8-R
250
200
10,000
—
0.014
0.152
0.19
AGC-9-R
250
200
10,000
—
0.012
0.21
0.18
AGC-10-R
250
200
10,000
—
0.008
0.492
0.20
AGC-12-R
32
—
—
1000
0.0070
—
—
AGC-14-R
32
—
—
1000
0.0062
—
—
AGC-15-R
32
—
—
1000
0.006
0.566
0.14
AGC-20-R
32
—
—
1000
0.004
1.438
0.12
AGC-25-R
32
—
—
1000
0.003
2.109
0.11
AGC-30-R
32
—
—
1000
0.002
3.807
0.12
AGC-35-R
32
—
—
1000
0.0014
—
—
AGC-40-R
32
—
—
1000
0.0019
—
—
* DC Cold Resistance (Measured at ≤10% of rated current)
† Typical Melting I 2t (A 2Sec) (I 2t was measured at listed interrupting rating and rated voltage.)
‡ Typical Voltage Drop (Voltage drop was measured at 25°C ambient temperature at rated current)


Similar Part No. - AGC-1/8-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
AGC-1/8-R EATON-AGC-1/8-R Datasheet
953Kb / 5P
1/4” x 1-1⁄4” Fast-acting glass tube fuses
2020
More results

Similar Description - AGC-1/8-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
AGW-212 COOPER-AGW-212 Datasheet
241Kb / 2P
Fast-Acting 1??? x 7??? Glass Tube Fuses
BKABC-20-R COOPER-BKABC-20-R Datasheet
210Kb / 2P
1????x 1 1????Glass Tube Fuses ABC Series, Fast-Acting, Ceramic Tube
BKAGC-2 COOPER-BKAGC-2 Datasheet
307Kb / 3P
Fast-Acting 1/4 x 1 1?? Glass Tube Fuses
AGC-V-4 COOPER-AGC-V-4 Datasheet
307Kb / 3P
Fast-Acting 1/4 x 1 1/4 Glass Tube Fuses AGC Series
ABC-10A COOPER-ABC-10A Datasheet
279Kb / 2P
1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
AGW-1 COOPER-AGW-1_13 Datasheet
215Kb / 2P
Fast-Acting 1/4??x 7/8??Glass Tube Fuses
logo
Eaton All Rights Reserv...
ABC EATON-ABC Datasheet
260Kb / 2P
1????x 1 1????Fast-acting ceramic tube fuses
AGW EATON-AGW Datasheet
371Kb / 2P
1/4 x 7/8 Fast-acting glass tube fuses
AGX EATON-AGX Datasheet
409Kb / 2P
1/4??x 1??Fast-acting glass tube fuses
AGC EATON-AGC_V01 Datasheet
953Kb / 5P
1/4” x 1-1⁄4” Fast-acting glass tube fuses
2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com