Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL1108-2-50TR-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # CL1108-2-50TR-R
Description  Multi-phase power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CL1108-2-50TR-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  CL1108-2-50TR-R Datasheet HTML 1Page - Eaton All Rights Reserved. CL1108-2-50TR-R Datasheet HTML 2Page - Eaton All Rights Reserved. CL1108-2-50TR-R Datasheet HTML 3Page - Eaton All Rights Reserved. CL1108-2-50TR-R Datasheet HTML 4Page - Eaton All Rights Reserved. CL1108-2-50TR-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Technical Data 4380
Effective August 2018
CL1108 and CLA1108
Multi-phase power inductors
www.eaton.com/electronics
Packaging information (mm)
Supplied in tape and reel packaging on a 13” diameter reel.
40.4
+/-0.1
44.0
+/-0.3
1.75 20.25
2.0
1.5Dia
4.0
16.0
SECTION A-A
8.1
11.6
27.6
2.0
CL/CLA1108-3
200 parts per reel
User Direction of feed
52.4
+/-0.1
56.0
+/-0.3
1.75 26.25
2.0
1.5Dia
4.0
16.0
SECTION A-A
8.1
11.6
36.6
2.0
CL/CLA1108-4
200 parts per reel
User Direction of feed
CL/CLA1108-2
500 parts per reel
CL1108-5
150 parts per reel
28.4
+/-0.1
32.0
+/-0.3
1.75 14.25
2.0
1.5Dia
4.0
16.0
SECTION A-A
8.1
11.6
18.6
2.0
User Direction of feed
User Direction of feed
52.4
+/-0.1
56.0
+/-0.3
1.75 26.25
2.0
1.5Dia
4.0
16.0
SECTION A-A
8.1
11.6
45.9
2.0
Pin #1
Pin #1
Pin #1
Pin #1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com