Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS7802LS Datasheet(PDF) 4 Page - Will Semiconductor Ltd.

Part # WS7802LS
Description  0.1GHz ??3GHz SPDT Antenna Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WS7802LS Datasheet(HTML) 4 Page - Will Semiconductor Ltd.

  WS7802LS Datasheet HTML 1Page - Will Semiconductor Ltd. WS7802LS Datasheet HTML 2Page - Will Semiconductor Ltd. WS7802LS Datasheet HTML 3Page - Will Semiconductor Ltd. WS7802LS Datasheet HTML 4Page - Will Semiconductor Ltd. WS7802LS Datasheet HTML 5Page - Will Semiconductor Ltd. WS7802LS Datasheet HTML 6Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WS7802LS
Will Semiconductor Ltd.
4
Feb. 2018 _V1.7
Characteristics (RF spec)
Normal test condition unless otherwise stated. All unused ports are 50Ω terminated.
VDD=2.8V, Temp=+25°C. PIN=0dBm.
Parameters
Conditions
Specifications
Unit
Min.
Typ.
Max.
Insertion Loss
(RF1/RF2)
0.1GHz to 1.0GHz
1.0GHz to 2.0GHz
2.0GHz to 2.7GHz
0.26
0.34
0.37
dB
Isolation
(ANT to RF1/RF2)
0.1GHz to 1.0GHz
1.0GHz to 2.0GHz
2.0GHz to 2.7GHz
38
30
24
dB
Input Return Loss
(ANT to RF1/RF2)
0.1GHz to 1.0GHz
1.0GHz to 2.0GHz
2.0GHz to 2.7GHz
30
24
20
dB
Second Harmonics
(RF1/RF2)
0.7GHz to 1.0GHz, PIN=+26dBm
1.0GHz to 2.0GHz, PIN=+26dBm
2.0GHz to 2.7GHz, PIN=+26dBm
94
92
90
dBc
Third Harmonics
(RF1/RF2)
0.7GHz to 1.0GHz, PIN=+26dBm
1.0GHz to 2.0GHz, PIN=+26dBm
2.0GHz to 2.7GHz, PIN=+26dBm
91
89
87
dBc
0.1dB Compression Point
(RF1/RF2)
0.7GHz to 2.7GHz
33
dBm
3
rd Order Input Intercept Point
(RF1/RF2)
0.7GHz to 2.7GHz
PIN=+26dBm
∆f =1MHz
61
dBm
Truth Table for Operation
Mode
V1
RF1
0
RF2
1
Note: Any state other than that described in this Table places the switch into an undefined state. An undefined
state will not damage the device.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com