Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLB1108-2-50TR-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # CLB1108-2-50TR-R
Description  Multi-phase power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CLB1108-2-50TR-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  CLB1108-2-50TR-R Datasheet HTML 1Page - Eaton All Rights Reserved. CLB1108-2-50TR-R Datasheet HTML 2Page - Eaton All Rights Reserved. CLB1108-2-50TR-R Datasheet HTML 3Page - Eaton All Rights Reserved. CLB1108-2-50TR-R Datasheet HTML 4Page - Eaton All Rights Reserved. CLB1108-2-50TR-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data 10131
Effective August 2018
CLB1108
Multi-phase power inductors
www.eaton.com/electronics
Dimensions (mm)
Part marking: Pin 1 dot, CLB1108= (product code and size ), -2,-3,-4,-5, = (number of phases),
-50= (inductance value per phase in nH), TR= (tape and reel), -R = (RoHS compliant)
wwllyy = date code, R = revision level
Tolerances are ±0.25 millimeters unless stated otherwise
All soldering surfaces to be coplanar within 0.13 millimeter
Do not route traces or vias underneath the inductor
1. Open Circuit Inductance (OCL) Test Parameters: 1 MHz, 0.1 Vrms, @ +25 °C
1A. Open Circuit Inductance (OCL) Test Parameters: 1 MHz, 0.1 Vrms, @ +105 °C
2. Isat1: Peak current at which OCL drops to 150 nH min @ +25 °C
Isat2: Peak current at which OCL drops to 100 nH min @ +105 °C
Isat3: Peak current where SCL drops approximately 20% @ +105 °C
3. Short Circuit Inductance (SCL) Test Parameters: 1 MHz, 0.1 Vrms, 0.0 Adc @ +25 °C, ±20%
- CLB1108-2-50TR-R, short 1 & 4, Measure 2 & 3 and divide by 2.
- CLB1108-3-50TR-R, short 1 & 4, 3 & 6, Measure 2 & 5 and divide by 3
- CLB1108-4-50-TR-R, short 1 & 4, 3 & 6, 5 & 8 , Measure 2 & 7, and divide by 4
- CLB1108-5-50-TR-R, short 1 & 4, 3 & 6, 5 & 8, 7 & 10, Measure 2 & 9 and divide by 5
Product specifications
Part number4,5
Inductor
phases
OCL min1
@ 0.0 Adc (nH)
OCL min1 @
lsat1
lsat12
(A)
OCL min1A
@ lsat2
lsat22
(A)
SCL3 (nH)
lsat32 (A)
DCR
±10%
(mΩ) @
+20 °C
CLB1108-2-50TR-R
2
200
150
25
100
23
50
110
0.28
CLB1108-3-50TR-R
3
200
150
25
100
23
50
110
0.28
CLB1108-4-50TR-R
4
200
150
25
100
23
50
110
0.28
CLB1108-5-50TR-R
5
200
150
25
100
23
50
110
0.28
4. Part Number Definition: CLB1108-X-50TR-R
CLB1108 = Product code and size
X = Number of phases
50 = Inductance value per phase nH
TR = Tape and reel packaging
-R (suffix) = RoHS compliant
5. This device is licensed for use only when incorporated within a voltage regulator employing power regulating
devices manufactured by Volterra Semiconductor, LLC or Maxim Integrated Devices, Inc. No license is granted
expressly or by implication to use this device with power regulating devices manufactured by any company other
than Volterra or Maxim.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com