Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPLE Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # CPLE
Description  Multi-phase power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CPLE Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  CPLE Datasheet HTML 1Page - Eaton All Rights Reserved. CPLE Datasheet HTML 2Page - Eaton All Rights Reserved. CPLE Datasheet HTML 3Page - Eaton All Rights Reserved. CPLE Datasheet HTML 4Page - Eaton All Rights Reserved. CPLE Datasheet HTML 5Page - Eaton All Rights Reserved. CPLE Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Technical Data
4362
Effective December 2015
CPL,CPLA, and CPLE
Multi-phase power inductors
www.eaton.com/elx
Pad layouts & schematics (mm)
Tolerances are ±0.2mm unless otherwise specified.
16.9
CPLx-2-50-R
1
2
4
3
9.00
7.9
1.1
9.00
CPLx-3-50-R
1
2
4
3
9.00
7.9
1.1
9.00
6
5
25.9
CPLx-4-50-R
34.9
1.1
9.00
1
2
4
3
6
5
8
7
9.00
7.9
1
2
4
3
6
5
8
7
9.00
7.9
1.1
9.00
10
9
43.9
CPLx-5-50-R
1
2
4
3
6
5
8
7
10
9
12
11
52.9
7.9
1.1
9.00
CPLx-6-50-R
Recommended
Pad Layout
Schematic
Schematic
Recommended
Pad Layout



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com