Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP565 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP565
Description  Dual Ultrafast Voltage Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP565 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP565 Datasheet HTML 8Page - Analog Devices ADCMP565 Datasheet HTML 9Page - Analog Devices ADCMP565 Datasheet HTML 10Page - Analog Devices ADCMP565 Datasheet HTML 11Page - Analog Devices ADCMP565 Datasheet HTML 12Page - Analog Devices ADCMP565 Datasheet HTML 13Page - Analog Devices ADCMP565 Datasheet HTML 14Page - Analog Devices ADCMP565 Datasheet HTML 15Page - Analog Devices ADCMP565 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADCMP565
Rev. 0 | Page 12 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
(VCC = +5.0 V, VEE = −5.2 V, TA = 25°C, unless otherwise noted.)
NONINVERTING INPUT VOLTAGE (INVERTING VOLTAGE = 0.5V)
25
0
–2.5
0.5
3.5
02820-0-020
20
15
10
5
–1.5
–0.5
1.5
2.5
Figure 12. Input Bias Current vs. Input Voltage
TEMPERATURE (°C)
2.0
1.6
1.4
1.2
–40
02820-0-022
1.9
1.8
1.7
1.5
1.3
–20
0
20
40
60
80
Figure 13. Input Offset Voltage vs. Temperature
TEMPERATURE (°C)
210
185
160
–40
90
02820-0-016
205
200
195
190
180
175
170
165
–30 –20 –10
0
10
20
30
40
50
60
70
80
Figure 14. Rise Time vs. Temperature
TEMPERATURE (°C)
25.0
22.0
–40
24.5
24.0
23.5
23.0
22.5
–20
0
20
40
60
80
02820-0-021
Figure 15. Input Bias Current vs. Temperature
0
20
60
∆ LATCH = LE – LEB (mV)
–20
20
02820-0-017
–15
–10
–5
0
5
10
15
40
50
30
10
Figure 16. Hysteresis vs. ∆Latch
TEMPERATURE (°C)
210
185
160
–40
90
02820-0-019
205
200
195
190
180
175
170
165
–30 –20 –10
0
10
20
30
40
50
60
70
80
Figure 17. Fall Time vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com